Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2002 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 18Page - STMicroelectronics STE2002 Datasheet HTML 19Page - STMicroelectronics STE2002 Datasheet HTML 20Page - STMicroelectronics STE2002 Datasheet HTML 21Page - STMicroelectronics STE2002 Datasheet HTML 22Page - STMicroelectronics STE2002 Datasheet HTML 23Page - STMicroelectronics STE2002 Datasheet HTML 24Page - STMicroelectronics STE2002 Datasheet HTML 25Page - STMicroelectronics STE2002 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
Instruction set
STE2002
22/61
4.3
Memory blanking procedure
This instruction allows to fill the memory with "blank" patterns, in order to delete patterns
randomly generated in memory when starting up the device. This instruction substitutes
(128X13) single "write" instructions. It is possible to program "Memory Blanking Procedure"
only under the following conditions:
- PD bit
= 0
The end of the procedure will be notified on the BSY_FLG pad going HIGH (while LOW the
procedure is running). Any instruction programmed with BSY_FLG LOW will be ignored that
is, no instruction can be programmed for a period equivalent to 128X13 internal write cycles
(128X13X1/fclock). The start of Memory blanking procedure will be between one and two
fclock cycles from the last active edge (E rising edge for the parallel interface, last SCLK
rising edge for the Serial interface, last SCL rising edge for the I2C interface).
4.4
Checker board procedure
This instruction allows to fill the memory with "checker-board" pattern. It is mainly intended
to developers, who can now simply obtain complex module test configuration by means of a
single instruction. It is possible to program "Checker Board Procedure" only under the
following conditions:
–PD bit = 0
The end of the procedure will be notified on the BSY_FLG pad going HIGH, while LOW the
procedure is running. Any instruction programmed with BSY_FLG LOW will be ignored, that
is, no instruction can be programmed for a period equivalent to 128X13 internal write cycles
(128X13X1/fclock). The start of Memory blanking procedure will be between one and two
fclock cycles from the last active edge (E rising edge for the parallel interface, last SCLK
rising edge for the Serial interface, last SCL rising edge for the I2C interface).
4.5
Scrolling function
The STE2002 can scroll the graphics display in units of raster-rows. The scrolling function is
achieved changing the correspondence between the rows of the logical memory map and
the output row drivers. The scroll function doesn't affect the data ram content. It is only
related to the visualization process. The information output on the drivers is related to the
row reading sequence (the 1st row read is output on R0, the 2nd on R1 and so on). Scrolling
means reading the matrix starting from a row that is sequentially increased or decreased.
After every scrolling command the offset between the memory address and the memory
scanning pointer is increased or decreased by one. The offset range changes in accordance
with MUX Rate. After 80th/81th scrolling commands in MUX 81 mode, or after the 64th/65th
scrolling commands in mux 65 mode, or after 48nd/49rd scrolling command in MUX 49
mode, or after 32nd/33rd scrolling command in MUX 33 mode, the offset between the
memory address and the memory scanning pointer is again zero (Cyclic Scrolling).
A Reset Scrolling Pointer instruction can be executed to force to zero the offset between the
memory address and the memory scanning pointer
The Icon Row is not scrolled if ICON MODE =1. If ICON MODE=0 the last row is like a
general purpose row and it is scrolled as other rows.
If the DIR Bit is set to a logic zero the offset register is increased by one and the raster is
scrolled from top down. If the DIR Bit is set to a logic one the offset register is decreased by
one and the raster is scrolled from bottom-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com