Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2002 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 19Page - STMicroelectronics STE2002 Datasheet HTML 20Page - STMicroelectronics STE2002 Datasheet HTML 21Page - STMicroelectronics STE2002 Datasheet HTML 22Page - STMicroelectronics STE2002 Datasheet HTML 23Page - STMicroelectronics STE2002 Datasheet HTML 24Page - STMicroelectronics STE2002 Datasheet HTML 25Page - STMicroelectronics STE2002 Datasheet HTML 26Page - STMicroelectronics STE2002 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
STE2002
Instruction set
23/61
4.6
Dual partial display
If the PE Bit is set to a logic one the dual partial display mode is enabled.
Eight partial display modes are available. The offset of the two partial display zones is row
by row programmable. The Icon row is accessed last in each partial display frame.
Two sets of register for the HV-generator parameters are provided (PRS[1:0], Vop[6:0],
BS[2:0], CP[2:0].). This allows switching from normal mode to partial display mode applying
one instruction. The HV generator is automatically re configured using the parameters
related to the enabled mode. The parameters of the two sets of registers with the same
function are located in the same position of the instruction set. The registers related to the
normal mode are accessible when normal mode (PE=0) is selected, the others are
accessible when the partial display mode is enabled (PE=1). To Setup PRS[1:0], Vop[6:0],
BS[2:0], CP[2:0] values the instruction flow proposed in Fig.46 must be followed. To setup
Partial Display Sectors Start Address and Partial Display Mode no particular instruction flow
has to be followed.
Table 7.
Scrolling function
Mux rate
Icon mode
Offset
range
Description
Icon row driver with
MY=0
MUX 33
1
0-31
ICON ROW NOT SCROOLED
R56
MUX 33
0
0-32
33 LINE GRAPHIC MATRIX
R56
MUX 49
1
0-47
ICON ROW NOT SCROOLED
R64
MUX 49
0
0-48
49 LINE GRAPHIC MATRIX
R64
MUX 65
1
0-63
ICON ROW NOT SCROOLED
R72
MUX 65
0
0-64
65 LINE GRAPHIC MATRIX
R72
MUX 81
1
0-79
ICON ROW NOT SCROOLED
R80
MUX 81
0
0-80
81 LINE GRAPHIC MATRIX
R80
Table 8.
Dual partial display
PD2 PD1 PD0
Section 1
Section2
Reset state
0
0
0
0
8 + Icon Row
0
0
1
8
0 + Icon Row
0
1
0
8
8 + Icon Row
0
1
1
0
16 + Icon Row
000
1
0
0
16
0 + Icon Row
10
1
8
16 + Icon Row
1
1
0
16
8 + Icon Row
1
1
1
16
16 + Icon Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com