Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP4NC60AFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4NC60AFP
Description  N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NC60AFP Datasheet(HTML) 1 Page - STMicroelectronics

  STP4NC60AFP Datasheet HTML 1Page - STMicroelectronics STP4NC60AFP Datasheet HTML 2Page - STMicroelectronics STP4NC60AFP Datasheet HTML 3Page - STMicroelectronics STP4NC60AFP Datasheet HTML 4Page - STMicroelectronics STP4NC60AFP Datasheet HTML 5Page - STMicroelectronics STP4NC60AFP Datasheet HTML 6Page - STMicroelectronics STP4NC60AFP Datasheet HTML 7Page - STMicroelectronics STP4NC60AFP Datasheet HTML 8Page - STMicroelectronics STP4NC60AFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
STP4NC60A - STP4NC60AFP
STB4NC60A-1
N-CHANNEL 600V - 1.8
Ω - 4.2A TO-220/TO-220FP/I2PAK
PowerMesh™II MOSFET
(*)Limited only by maximum Temperature allowed
s
TYPICAL RDS(on) = 1.8Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVERS
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(1)ISD ≤4.2A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
TYPE
VDSS
RDS(on)
ID
STP4NC60A
STP4NC60AFP
STB4NC60A-1
600V
600V
600V
< 2
Ω
< 2
Ω
< 2
Ω
4.2A
4.2A
4.2A
Symbol
Parameter
Value
Unit
STP(B)4NC60A(-1)
STP4NC60AFP
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
4.2
4.2(*)
A
ID
Drain Current (continuos) at TC = 100°C
2.6
2.6(*)
A
IDM (q)
Drain Current (pulsed)
16.8
16.8(*)
A
PTOT
Total Dissipation at TC = 25°C
100
35
W
Derating Factor
0.8
0.28
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
3.5
3.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tstg
Storage Temperature
–60 to 150
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM
TO-220
1
2
3
TO-220FP
1
2
3
(Tabless TO-220)


Similar Part No. - STP4NC60AFP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP4NC60AFP ISC-STP4NC60AFP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP4NC60AFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh™ I MOSFET
Oct-2001
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STP19NB20 STMICROELECTRONICS-STP19NB20 Datasheet
546Kb / 12P
N-CHANNEL 200V - 0.15ohm - 19A - TO-220/TO-220FP/I2PAK PowerMESH™ MOSFET
Aug-2002
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Apr-2003
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH™ II MOSFET
May-2001
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH™IGBT
26-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com