Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP4NC60AFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP4NC60AFP
Description  N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NC60AFP Datasheet(HTML) 4 Page - STMicroelectronics

  STP4NC60AFP Datasheet HTML 1Page - STMicroelectronics STP4NC60AFP Datasheet HTML 2Page - STMicroelectronics STP4NC60AFP Datasheet HTML 3Page - STMicroelectronics STP4NC60AFP Datasheet HTML 4Page - STMicroelectronics STP4NC60AFP Datasheet HTML 5Page - STMicroelectronics STP4NC60AFP Datasheet HTML 6Page - STMicroelectronics STP4NC60AFP Datasheet HTML 7Page - STMicroelectronics STP4NC60AFP Datasheet HTML 8Page - STMicroelectronics STP4NC60AFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STP4NC60A/FP/STB4NC60A-1
4/10
Static Drain-source On Resistance
Output Characteristics
Transconductance
Thermal Impedance for TO-220/I2PAK
Thermal Impedance for TO-220FP
Transfer Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com