Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247D Datasheet(PDF) 64 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 60Page - STMicroelectronics STV8247D Datasheet HTML 61Page - STMicroelectronics STV8247D Datasheet HTML 62Page - STMicroelectronics STV8247D Datasheet HTML 63Page - STMicroelectronics STV8247D Datasheet HTML 64Page - STMicroelectronics STV8247D Datasheet HTML 65Page - STMicroelectronics STV8247D Datasheet HTML 66Page - STMicroelectronics STV8247D Datasheet HTML 67Page - STMicroelectronics STV8247D Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 156 page
background image
Register List
STV82x7
64/156
I2S_SYNC_OFFSET
I²S Synchronization Offset Frequency Register
12.3
Clocking 1
A low-jitter PLL Clock is integrated and can be fully reprogrammed using the registers described
below. By default, the programming is defined for a 27-MHz quartz crystal frequency, which is the
frequency recommended for reducing potential RF interference in the application. However, if
necessary, the PLL Clock can be re-programmed for other quartz crystal frequencies within a range
from 23 to 30 MHz. Other quartz crystal frequencies can be programmed on your demand.
Note:
A Crystal Frequency change is compatible with other default I²C programming including the built-in
Automatic Standard Recognition System.
SYS_CONFIG
System Configuration Control Register
Address: 06h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2S_SFO[7:0]
Bit Name
Reset
Function
I2S_SFO[7:0]
0000
0000
I²S synchronization frequency offset (±450 ppm full scale)
Address: 07h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2S_CH_NB[1:0]
INPUT_FREQ[3:0]
INPUT_CONFIG[1:0]
Bit Name
Reset
Function
I2S_CH_NB[1:0]
00
Number of I2S channels input
00: N/A
01: 2 channels
10: 4 channels
11: 6 channels
INPUT_FREQ[3:0]
0000
I2S Input frequency
0000 : 32 kHz
0001: 44.1 kHz
0010: 48 kHz
0011: 8 kHz (I2S input, 2 channels only)
0100 : 11.025 kHz (I2S input, 2 channels only)
0101 : 12 kHz (I2S input, 2 channels only)
0110 : 16 kHz (I2S input, 2 channels only)
0111 : 22.05 kHz (I2S input, 2 channels only)
1000 : 24 kHz (I2S input, 2 channels only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com