Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247D Datasheet(PDF) 81 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 77Page - STMicroelectronics STV8247D Datasheet HTML 78Page - STMicroelectronics STV8247D Datasheet HTML 79Page - STMicroelectronics STV8247D Datasheet HTML 80Page - STMicroelectronics STV8247D Datasheet HTML 81Page - STMicroelectronics STV8247D Datasheet HTML 82Page - STMicroelectronics STV8247D Datasheet HTML 83Page - STMicroelectronics STV8247D Datasheet HTML 84Page - STMicroelectronics STV8247D Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 156 page
background image
81/156
STV82x7
Register List
ZWT_STAT
Zweiton Status Register
12.9
Analog Control
ADC_CTRL
ZWT_TIME[2:0]
100
Defines the period (duration) of the reset tone used for tone detection system reset.
000: 256 ms
100: 1280 ms
001: 512 ms
101: 1536 ms
010: 768 ms
110: 1792 ms
011: 1024 ms
111: 2040 ms
Address: 42h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LRST_TONE_
OFF
00
0
ZW_STAT_
RDY
ZW_DET
ZW_ST
ZW_DM
Bit Name
Reset
Function
LRST_TONE_OFF
0
Indicates the status of the control bit programmed in the reg ZWT-CTRL
0: Periodical reset of tone detection enabled
1: Periodical reset of tone detection disabled
Bits[6:4]
000
Reserved.
ZW_STAT_RDY
0
Periodic flag indicating when the tone detection flags are updated and ready to be read
ZW_DET
0
Pilot Detection Flag
ZW_ST
0
Stereo Tone Detection Flag
ZW_DM
0
Dual Mono Tone Detection Flag
Address: 56h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2S_DATA0_CTRL[1:0]
0
0
ADC_POWER
_UP
ADC_INPUT_SEL[2:0]
Bit Name
Reset
Function
I2S_DATA0_CTRL[1:0]
00
00 = SCART
01 = L, R
10 = HP or Srnd
11 = C/Sub
Bits[7:4]
0000
Reserved.
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com