Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247D Datasheet(PDF) 109 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 105Page - STMicroelectronics STV8247D Datasheet HTML 106Page - STMicroelectronics STV8247D Datasheet HTML 107Page - STMicroelectronics STV8247D Datasheet HTML 108Page - STMicroelectronics STV8247D Datasheet HTML 109Page - STMicroelectronics STV8247D Datasheet HTML 110Page - STMicroelectronics STV8247D Datasheet HTML 111Page - STMicroelectronics STV8247D Datasheet HTML 112Page - STMicroelectronics STV8247D Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 156 page
background image
109/156
STV82x7
Register List
Note:
How to useTruSurround XT:
- Implementation of TruSurround XT is done by setting the TRUSRND_ON bit to 1.
- TruSurround XT mode must be selected by TRUSRND_
INPUT_ MODE[3:0] bits.
- Activation or non-activation of TruSurround XT must be done by using the TRUSRND_MODE bit.
TRUSRND_INPUT_GAIN
TRUSRND_HP_DCL
Bit Name
Reset
Function
Bit 7
0
Reserved.
TRUSRND_MONO
_SRND
0
0: Left mono Srnd mode
1: Right mono Srnd mode
TRUSRND_
INPUT_ MODE[3:0]
0000
0000: Mono
0001: L/R stereo (SRS mode)
0010: L/R/S (SRS mode, Prologic 1 Process)
0011: L/R/Ls/Rs (SRS mode)
0100: L/R/C (TruSurround mode)
0101: L/R/C/S (TruSurround mode, Prologic 1 Process)
0110: L/R/C/Ls/Rs (TruSurround mode)
0111: Lt/Rt (TruSurround mode)
1000: L/R/C/Ls/Rs (SRS mode, BS Digital Broadcast)
1001: L/R/C/Ls/Rs (TruSurround, Prologic 2 Music mode)
TRUSRND_MODE
0
0: TruSurround mode
1: Bypass mode
TRUSRND_ON
0
0: TruSurround OFF
1: TruSurround ON
Address: B6h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TRUSRND_INPUT_GAIN[7:0]
Bit Name
Reset
Function
TRUSRND_INPUT_
GAIN[7:0]
0000
0000
Input Gain attenuation:
0000 0000: 0 dB
0000 0001: -0.5 dB
...
1111 1111: -127.5 dB
Address: B7h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
0
DIALOG_
CLARITY_ON
HEADPHONE
_ON
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com