Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8247D Datasheet(PDF) 118 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 114Page - STMicroelectronics STV8247D Datasheet HTML 115Page - STMicroelectronics STV8247D Datasheet HTML 116Page - STMicroelectronics STV8247D Datasheet HTML 117Page - STMicroelectronics STV8247D Datasheet HTML 118Page - STMicroelectronics STV8247D Datasheet HTML 119Page - STMicroelectronics STV8247D Datasheet HTML 120Page - STMicroelectronics STV8247D Datasheet HTML 121Page - STMicroelectronics STV8247D Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 156 page
background image
Register List
STV82x7
118/156
EQ_BANDX_GAIN
Loudspeakers Equalizer Gain Register for BandX
Note:
With positive equalizer settings, internal clipping may occur even with an overall volume of less than
0 dB. This will lead to a clipped output signal. Therefore, it is not recommended to set equalizer
bands to a value that, in conjunction with volume, would result in an overall positive gain.
Bit Name
Reset
Function
Bits[7:2]
000000
Reserved.
LS_EQ_BT_SW
0
5-Band Equalizer or Bass-Treble selection
0: 5-Band Equalizer is selected for Loudspeakers.
1: Bass-Treble is selected for Loudspeakers.
LS_EQ_ON
1
5-Band Equalizer/Bass-Treble for loudspeakers Enable
0: 5-Band Equalizer/Bass-Teble is disabled
1: 5-Band Equalizer/Bass-Teble is enabled (Default)
Address: CAh to CEh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EQ_BANDX
Bit Name
Reset
Function
EQ_BANDX[7:0]
0000
0000
BandX gain adjustment within a range from -12 dB to +12 dB in steps of 0.25 dB.
Band1: 100 Hz, Band2: 330 Hz, Band3: 1 kHz, Band4: 3.3 kHz, Band5: 10 kHz, see Table 31.
Table 31: Loudspeakers Equalizer/Bass-Treble Gain Values (and Headphone Bass-Treble Gain Values)
Value
Gain G (dB)
00110000
+12
00101111
+11.75
00101110
+11.50
................
.....
00000000 (Default)
0
................
.....
11010010
-11.50
11010001
-11.75
11010000
-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com