Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 9Page - STMicroelectronics STW4810 Datasheet HTML 10Page - STMicroelectronics STW4810 Datasheet HTML 11Page - STMicroelectronics STW4810 Datasheet HTML 12Page - STMicroelectronics STW4810 Datasheet HTML 13Page - STMicroelectronics STW4810 Datasheet HTML 14Page - STMicroelectronics STW4810 Datasheet HTML 15Page - STMicroelectronics STW4810 Datasheet HTML 16Page - STMicroelectronics STW4810 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
Ball information
STw4810
12/78
J10
CN
AIO(VBUS)
C minus flying capacitor (VBUS Level)
G10
VBUS
AIO(VBUS)
USB cable supply (VBUS Level)
F10
VUSB
AIO
Decoupling capacitor for USB internal regulator
G9
USBSCL
DI(VIO_VMEM)
Clock for dedicated USB I2C
H9
USBSDA
DIO(VIO_VMEM)
SDA for dedicated USB I2C
H8
USBINTn
DO(VIO_VMEM)
Interrupt to multimedia processor for USB or
accessory plug
SD MMC balls
G3
MCCMDDIR
DI(VIO_VMEM)
Pull Down 1.5M
Ω
CMD direction.
- “high”: CMD signal from processor to card
- “Low”: CMD signal from card to processor
K2
MCDAT0DIR
DI(VIO_VMEM)
Pull Down 1.5M
Ω
DATA0 direction
- “high”: DATA0 signal from processor to card
- “Low”: DATA0 signal from card to processor
K9
MCDAT2DIR
DI(VIO_VMEM)
Pull Down 1.5M
Ω
DATA2 direction
- “high”: DATA2 signal from processor to card
- “Low”: DATA2 signal from card to processor
H4
MCDAT31DIR
DI(VIO_VMEM)
Pull Down 1.5M
Ω
DATA(3,1) direction
- “high”: DATA(3,1) signal from processor to
card
- “Low”: DATA(3,1) signal from card to
processor
G2
MCCLK
DI(VIO_VMEM)
Pull Down 1.5M
Ω
Host clock, between processor and STw4810,
to the card (processor clock).
H5
MCFBCLK
DO(VIO_VMEM)
Host feedback clock between STw4810 and
processor, to re-synchronize data in processor.
H1
MCCMD
DIO(VIO_VMEM)
Pull Up 1.5M
Ω
Bidirectional command/response signal
between processor and STw4810.
K1
MCDATA0
DIO(VIO_VMEM)
Pull Up1.5M
Ω
Bidirectional data0 between processor and
STw4810
H2
H3
J1
MCDATA[3:1]
DIO(VIO_VMEM)
Pull Up 1.5M
Ω
Bidirectional data [3:1] between processor and
STw4810.
F3
LATCHCLK
DI(VMMC)
Pull Down 1.5M
Ω
Host feedback clock to STw4810, to re-
synchronize data in processor.
G1
CLKOUT
DO(VMMC)
Host clock, between STw4810 and card
(processor clock).
F2
CMDOUT
DIO(VMMC)
Pull Up 1.5M
Ω
Bidirectional command/response signal
between STw4810 and processor.
E1
DATAOUT0
DIO(VMMC)
Pull Up 1.5M
Ω
Bidirectional data0 between STw4810 and card
Table 2.
STw4810 balls function (continued)
Ball
Ball name
Ball type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com