Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 34Page - STMicroelectronics STW4810 Datasheet HTML 35Page - STMicroelectronics STW4810 Datasheet HTML 36Page - STMicroelectronics STW4810 Datasheet HTML 37Page - STMicroelectronics STW4810 Datasheet HTML 38Page - STMicroelectronics STW4810 Datasheet HTML 39Page - STMicroelectronics STW4810 Datasheet HTML 40Page - STMicroelectronics STW4810 Datasheet HTML 41Page - STMicroelectronics STW4810 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
STw4810
Functional description
37/78
4.3.6
VAUX
This LDO is dedicated either to the multimedia processor input/output signals or to the
auxiliary devices. Power supply values are 1.5 V,1.8 V, 2.5 V, 2.8 V with 150 mA full load and
0.5 mA in sleep mode. In case of 1.5 V on the output, this LDO can be supplied by using
VIO_VMEM DC/DC converter (1.8 V). One pad feed-back is used.
Main features:
●
Programmable output voltage, 4 levels
(VAUX_SEL[1:0] bits of Power control register -
Table 27)
●
Three power domains:
–
‘Normal mode’ when multimedia processor is in run mode, 150 mA full load
–
‘Low current mode’ when multimedia processor is in sleep mode, 0.5 mA current
capability.
Fast switching from low current to normal mode.
Note:
Definition of sleep mode is given in 4.2.3: Sleep mode section.
–
‘Power down mode’ or ‘standby mode’ when regulator is switched off, no power
consumption (PDN_VAUX bit of SD MMC control register -
Table 18)
●
Default setting defined by start-up configuration
4.3.7
Power supply monitoring
This block monitors the VCORE and VIO_VMEM output voltage. If VCORE or VIO_VMEM
drop below the threshold, the multimedia processor is reset.
This feature can be desactivated by setting EN_MONITORING bit of Power control register
(
Table 29) to “0”.
4.3.8
Power supply domains
Table 29 lists the register bits that control STw4810 supply domains for each supply.
Note:
More details on VMMC supply are given in Section 4.5
Table 29.
Power supply domains
Supply
name
Description
Supply domains
Normal
Sleep
Power down
VCORE
STEP-DOWN
15 values
VCORE_SEL[3:0]
VCORE_SLEEP
VCORE_FORCE_SLEEP
EN_VCORE
VIO_VMEM STEP-DOWN
1.8 V
VIO_MEM_SLEEP
VIO_VMEM_FORCE_SLEEP
VPLL
LDO
4 values
VPLL_SEL[1:0]
EN_VPLL
VANA
LDO
2.5 V
EN_VANA
VAUX
LDO
4 values
VAUX_SEL[1:0]
VAUX_SLEEP
VAUX_FORCE_SLEEP
PDN_VAUX
VMMC
LDO
3 values
SEL_VMMC[1:0]
PDN_VMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com