| Electronic Components Datasheet Search |
|
STW8019 Datasheet(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW8019 Datasheet(HTML) 49 Page - STMicroelectronics |
|
49 / 66 page ![]() Bus interface STw8009/STw8019 48/65 Figure 18. 2-wire serial MPU control interface format (I2C compatible) / 7-bit addresses 10 bits address mode In Write mode, several data can be sent without re-initializing a transfer, in this case, data is written in successive registers. ( Figure 19: 2-wire serial MPU control interface format (I2C compatible) / 10-bit addresses) In Read mode: ( Figure 19) ● Double transaction read: The operation is split into two transactions: The first one is a write that transmits the desired address. The I2C interface memorizes the address of the register. The second transfer is a read that can be repeated to read successive registers. After each read byte and except for the last one, the master issues an “acknowledge”. The master indicates that it is reading the last byte by issuing a “no acknowledge” instead of an “acknowledge”. Note: Only the higher part of the address is sent again before sending the read indication. ● Single transaction read: As opposed to the double transaction, instead of stopping the first transaction and starting the second one, the transactions are combined with a repeated start condition. S STw8009 slave address r/w A STw8009 register address A Write (0) * Write operation (7 bits addresses) S Start condition P Stop condition A/NA Acknowledge / No Acknoledge P STw8009 register data A Can be repeated n times to write in successive registers From master to slave From slave to master S STw8009 slave address r/w A STw8009 register address A P Write (0) * Double transaction read S STw8009 slave address r/w A STw8009 register data A/NA P Read (1) Can be repeated n times to read in successive registers Sr Repeated start condition S STw8009 slave address r/w A STw8009 register address A Write (0) * Single transaction read STw8009 register data P Can be repeated n times to read in successive registers Sr STw8009 slave address r/w Read (1) A/NA S STw8009 slave address r/w A STw8009 register address A Write (0) * Write operation (7 bits addresses) S Start condition P Stop condition A/NA Acknowledge / No Acknoledge P STw8009 register data A Can be repeated n times to write in successive registers From master to slave From slave to master S STw8009 slave address r/w A STw8009 register address A P Write (0) * Double transaction read S STw8009 slave address r/w A STw8009 register data A/NA P Read (1) Can be repeated n times to read in successive registers Sr Repeated start condition S STw8009 slave address r/w A STw8009 register address A Write (0) * Single transaction read STw8009 register data P Can be repeated n times to read in successive registers Sr STw8009 slave address r/w Read (1) A/NA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |