| Electronic Components Datasheet Search |
|
STW8019 Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW8019 Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 66 page ![]() STw8009/STw8019 Bus interface 49/65 Figure 19. 2-wire serial MPU control interface format (I2C compatible) / 10-bit addresses Figure 20. 2-wire serial MPU control interface timing 8 LSBs A2 STw8009 register address A * Write operation (10 bits addresses) P STw8009 register data A Can be repeated n times to write in successive registers STw8009 register address A P * Double transaction read Sr r/w A3 STw8009 register data P Read (1) Can be repeated n times to read in successive registers STw8009 register address A3 * Single transaction read STw8009 register data P Can be repeated n times to read in successive registers Sr r/w Read (1) S 11110 r/w A1 Write (0) 2MSBs 8 LSBs A2 S 11110 r/w A1 2MSBs STw8009 slave address Write (0) STw8009 slave address 11110 2MSBs 8 LSBs A2 S 11110 r/w A1 2MSBs Write (0) STw8009 slave address 8 LSBs A2 S 11110 r/w A1 2MSBs Write (0) STw8009 slave address 11110 2MSBs A A/NA A/NA S Start condition P Stop condition A/NA Acknowledge / No Acknoledge From master to slave From slave to master Sr Repeated start condition 8 LSBs A2 STw8009 register address A * Write operation (10 bits addresses) P STw8009 register data A Can be repeated n times to write in successive registers STw8009 register address A P * Double transaction read Sr r/w A3 STw8009 register data P Read (1) Can be repeated n times to read in successive registers STw8009 register address A3 * Single transaction read STw8009 register data P Can be repeated n times to read in successive registers Sr r/w Read (1) S 11110 r/w A1 Write (0) 2MSBs 8 LSBs A2 S 11110 r/w A1 2MSBs STw8009 slave address Write (0) STw8009 slave address 11110 2MSBs 8 LSBs A2 S 11110 r/w A1 2MSBs Write (0) STw8009 slave address 8 LSBs A2 S 11110 r/w A1 2MSBs Write (0) STw8009 slave address 11110 2MSBs A A/NA A/NA S Start condition P Stop condition A/NA Acknowledge / No Acknoledge From master to slave From slave to master Sr Repeated start condition tBUF tHD_STA tLOW tR S=Start P=Stop SCLK SDA tF tHD_DAT tHIGH tSU_DAT tSU_STA tHD_STA Sr=Start repeated tSU_STO P=Stop |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |