Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L080 Datasheet(PDF) 7 Page - AMIC Technology

Part # A25L080
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080 Datasheet(HTML) 7 Page - AMIC Technology

Back Button A25L080 Datasheet HTML 3Page - AMIC Technology A25L080 Datasheet HTML 4Page - AMIC Technology A25L080 Datasheet HTML 5Page - AMIC Technology A25L080 Datasheet HTML 6Page - AMIC Technology A25L080 Datasheet HTML 7Page - AMIC Technology A25L080 Datasheet HTML 8Page - AMIC Technology A25L080 Datasheet HTML 9Page - AMIC Technology A25L080 Datasheet HTML 10Page - AMIC Technology A25L080 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
6
AMIC Technology Corp.
Table 1. Protected Area Sizes
Status Register Content
Memory Protection
BP2
BP1
BP0
Block(s)
Addresses
Density
Portion
0
0
0
None
None
None
None
0
0
1
31
1F0000h – 1FFFFFh
64KB
Upper 1/32
0
1
0
30 – 31
1E0000h – 1FFFFFh
128KB
Upper 1/16
0
1
1
28 – 31
1C0000h – 1FFFFFh
256KB
Upper 1/8
1
0
0
24 – 31
180000h – 1FFFFFh
512KB
Upper 1/4
1
0
1
16 – 31
100000h – 1FFFFFh
1MB
Upper 1/2
1
1
X
0 – 31
000000h – 1FFFFFh
2MB
All
Note:
1.
X = don’t care
2.
The device is ready to accept a Chip Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) are 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com