Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L080 Datasheet(PDF) 5 Page - AMIC Technology

Part # A25L080
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080 Datasheet(HTML) 5 Page - AMIC Technology

  A25L080 Datasheet HTML 1Page - AMIC Technology A25L080 Datasheet HTML 2Page - AMIC Technology A25L080 Datasheet HTML 3Page - AMIC Technology A25L080 Datasheet HTML 4Page - AMIC Technology A25L080 Datasheet HTML 5Page - AMIC Technology A25L080 Datasheet HTML 6Page - AMIC Technology A25L080 Datasheet HTML 7Page - AMIC Technology A25L080 Datasheet HTML 8Page - AMIC Technology A25L080 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
4
AMIC Technology Corp.
SPI MODES
These devices can be driven by a microcontroller with its SPI
peripheral running in either of the two following modes:
– CPOL=0, CPHA=0
– CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising
edge of Serial Clock (C), and output data is available from the
falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 2,
is the clock polarity when the bus master is in Stand-by mode
and not transferring data:
– C remains at 0 for (CPOL=0, CPHA=0)
– C remains at 1 for (CPOL=1, CPHA=1)
Figure 1. Bus Master and Memory Devices on the SPI Bus
Bus Master
(ST6, ST7, ST9,
ST10, Other)
SPI Interface with
(CPOL, CPHA)
= (0, 0) or (1, 1)
CS3
CS2
CS1
SPI Memory
Device
CDO
DIO
S
W HOLD
SPI Memory
Device
S
W HOLD
SPI Memory
Device
S
W HOLD
SDI
SDO
SCK
CDO
DIO
CDO
DIO
Note: The Write Protect (
W ) and Hold (HOLD ) signals should be driven, High or Low as appropriate.
Figure 2. SPI Modes Supported
MSB
MSB
C
C
DIO
DO
00
1
1
CPOL
CPHA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com