Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6330 Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6330
Description  16-Bit Stereo Audio DAC & Headphone Driver Power Down Function, Component Less
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6330 Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6330 Datasheet HTML 3Page - MOSA ELECTRONICS MS6330 Datasheet HTML 4Page - MOSA ELECTRONICS MS6330 Datasheet HTML 5Page - MOSA ELECTRONICS MS6330 Datasheet HTML 6Page - MOSA ELECTRONICS MS6330 Datasheet HTML 7Page - MOSA ELECTRONICS MS6330 Datasheet HTML 8Page - MOSA ELECTRONICS MS6330 Datasheet HTML 9Page - MOSA ELECTRONICS MS6330 Datasheet HTML 10Page - MOSA ELECTRONICS MS6330 Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MOSA
MS6330
16-Bit Stereo Audio DAC & HP Driver with PD
REV 1.0
11
www.mosanalog.com
Circuit
+
C2
0.1u
+
C3
1u
1
2
J2
AVDD
DVCC
P3.7
11
RST
1
P1.0
12
P3.0
2
P1.1
13
P3.1
3
P1.2
14
XTAL2
4
P1.3
15
XTAL1
5
P1.4
16
P3.2
6
P1.5
17
P3.3
7
P1.6
18
P3.4
8
P1.7
19
P3.5
9
Vcc
20
GND
10
U1
AT89C2051
Y1
24M
C4
20P
C5
20P
R1
10K
C1
10u
S1
RST
DGND
1
2
3
4
J3
Audio source
AGND
R3
1K
R4
1K
R5
1K
1
2
J1
DVCC
+
C6
0.1u
+
C7
100u
1
2
3
J5
OUT
W2
Jumper
DGND
AGND
D1
PD
W1
JUMP
AVDD
+ C10
10u
R2 10K
R
1
G
3
L
2
J4
OUT
AGND
C8
47u
C9
47u
GND
2
/PD
3
VDD
4
OUTL
5
PDPR
6
OUTR
7
CAP
8
BCK
9
DATA
1
WS
10
U2
MS6330
PD
PDPR
PD
PDPR
S2
PD
BCK
WS
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com