Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6330GU Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6330GU
Description  16-Bit Stereo Audio DAC & Headphone Driver Power Down Function, Component Less
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6330GU Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6330GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MOSA
MS6330
16-Bit Stereo Audio DAC & HP Driver with PD
REV 1.0
4
www.mosanalog.com
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=3.3V, f=1kHz, RL=32Ω; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
1.60
1.65
1.70
V
VDC
Output DC level
1.60
1.65
1.70
V
IQ
Quiescent current
-
3.6
4
mA
IPD
Power down current
No digital input signal
-
0.35
1
uA
CAP=2.2uF (100Hz)
50
55
-
dB
PSRR
Power supply rejection ratio
CAP=10uF (100Hz)
61
66
-
dB
CS
Channel separation
70
75
-
dB
AC Characteristics
VFS
Full scale output voltage
VFS=0.568 * VDD
-
1.87
-
Vpp
-
-60
-56
dB
THD+N
Total harmonic distortion plus
noise
-
0.1
0.158
%
S/N
Signal-to-noise ratio
86
92
-
dB
Po
Maximum output power
(THD+N)/S < 0.16
%,2ch
-
27
-
mW
2.7V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.7V, f=1kHz, RL=32Ω; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
1.3
1.35
1.4
V
VDC
Output DC level
1.3
1.35
1.4
V
IQ
Quiescent current
-
3.3
3.7
mA
IPD
Power down current
No digital input signal
-
0.28
1
uA
CAP=2.2uF (100Hz)
50
55
-
dB
PSRR
Power supply rejection ratio
CAP=10uF (100Hz)
61
66
-
dB
CS
Channel separation
70
75
-
dB
AC Characteristics
VFS
Full scale output voltage
VFS=0.568 * VDD
-
1.53
-
Vpp
-
-59
-55
dB
THD+N
Total harmonic distortion plus
noise
-
0.112
0.178
%
S/N
Signal-to-noise ratio
84
90
-
dB
Po
Maximum output power
(THD+N)/S < 0.18
%
18.3
-
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com