Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6330GU Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6330GU
Description  16-Bit Stereo Audio DAC & Headphone Driver Power Down Function, Component Less
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6330GU Datasheet(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6330GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6330GU Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MOSA
MS6330
16-Bit Stereo Audio DAC & HP Driver with PD
REV 1.0
7
www.mosanalog.com
POP NOISE REDUCTION AS POWER-ON-OFF
It is effective to prevent the power-on-off pop noise by controlling /PD and PDPR pins. The better control timing is as
below. Please refer to the circuit diagram in the page 8.
VDD
Power-on sequence
Power-off sequence
PDPR
>350ms
PD
>100ms
Music
>100ms
In power-on sequence, the initial state of /PD is low and PDPR is high, and then PDPR sets low after the /PD sets high
at least 100ms. In power-off sequence, enable PDPR function and delay 100ms, and then sets low to /PD.
POWER DOWN SEQUENCE
The power down sequence is a power-save mode (VDD is on), the power down current of MS6330 is less than 1uA. The
control timing is as below.
Disable Power-down
Enable Power-down
PDPR
>350ms
PD
>100ms
Delay time
Music
The delay time is decided by the value of the bypass capacitor. It is 5second for 10uF bypass capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com