Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP6NB80 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP6NB80
Description  N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NB80 Datasheet(HTML) 3 Page - STMicroelectronics

  STP6NB80 Datasheet HTML 1Page - STMicroelectronics STP6NB80 Datasheet HTML 2Page - STMicroelectronics STP6NB80 Datasheet HTML 3Page - STMicroelectronics STP6NB80 Datasheet HTML 4Page - STMicroelectronics STP6NB80 Datasheet HTML 5Page - STMicroelectronics STP6NB80 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD =400 V
ID =3 A
RG =4.7
Ω
VGS =10 V
19
9
27
13
ns
ns
Qg
Q gs
Qgd
Tot al Gate Charge
Gat e-Source Charge
Gat e-Drain Charge
VDD = 640 V
ID =6 A VGS =10 V
33
11
14
47
nC
nC
nC
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off -volt age Rise Time
Fall Time
Cross-over Time
VDD = 640V
ID =6 A
RG =4.7
Ω VGS =10 V
11
9
16
16
13
23
ns
ns
ns
SOURCE DRAIN DIODE
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ISD
ISDM (
•)
Source-drain Current
Source-drain Current
(pulsed)
5. 7
22. 8
A
A
VSD (
∗)
Forward On Voltage
ISD =6 A
VGS =0
1. 6
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 6 A
di/dt = 100 A/
µs
VDD = 100 V
Tj =150
oC
700
5.8
16.5
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STP6NB80/FP
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com