Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP118RHHT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP118RHHT
Description  DisplayPort 1:1 Repeater
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP118RHHT Datasheet(HTML) 3 Page - Texas Instruments

  SN75DP118RHHT Datasheet HTML 1Page - Texas Instruments SN75DP118RHHT Datasheet HTML 2Page - Texas Instruments SN75DP118RHHT Datasheet HTML 3Page - Texas Instruments SN75DP118RHHT Datasheet HTML 4Page - Texas Instruments SN75DP118RHHT Datasheet HTML 5Page - Texas Instruments SN75DP118RHHT Datasheet HTML 6Page - Texas Instruments SN75DP118RHHT Datasheet HTML 7Page - Texas Instruments SN75DP118RHHT Datasheet HTML 8Page - Texas Instruments SN75DP118RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN75DP118
www.ti.com..................................................................................................................................... SLLS916A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
SIGNAL
NO.
MAIN LINK INPUT PINS
ML_IN 0
34, 35
I
DisplayPort Main Link Channel 0 Differential Input
ML_IN 1
2, 3
I
DisplayPort Main Link Channel 1 Differential Input
ML_IN 2
5, 6
I
DisplayPort Main Link Channel 2 Differential Input
ML_IN 3
8, 9
I
DisplayPort Main Link Channel 3 Differential Input
MAIN LINK OUTPUT PINS
ML_OUT 0
30, 29
O
DisplayPort Main Link Port A Channel 0 Differential Output
ML_OUT 1
26, 25
O
DisplayPort Main Link Port A Channel 1 Differential Output
ML_OUT 2
23, 22
O
DisplayPort Main Link Port A Channel 2 Differential Output
ML_OUT 3
20, 19
O
DisplayPort Main Link Port A Channel 3 Differential Output
HOT PLUG DETECT PINS0
HPD_OUT
11
O
Hot Plug Detect Output to the DisplayPort Source
HPD_ IN
15
I
Hot Plug Detect Input from the DisplayPort Connector
CABLE ADAPTER DETECT PINS
CAD _OUT
12
O
Cable Adapter Detect Output to the DisplayPort Source
CAD _ IN
14
I
Cable Adapter Detect Input from the DisplayPort Connector
CONTROL PINS
LP
33
I
Low Power Select Bar
CAD_INV
31
I
Output Port Priority selection
DPadj
17
I
DisplayPort Main Link Output Gain Adjustment
NC
16
Not Connected
SUPPLY AND GROUND PINS
VCC
4, 16, 24, 28, 36
Primary Supply Voltage
VDD
10
HPD and CAD Output Voltage
GND
1, 7, 13, 21, 27, 32
Ground
Table 1. Control Pin Lookup
SIGNAL
LEVEL(1)
STATE
DESCRIPTION
H
Normal Mode
Normal operational mode for device
LP
Device is forced into a Low Power state causing the outputs to go to a high impedance
L
Low Power Mode
state, All other inputs are ignored.
H
CAD Inverted
The CAD output logic is inverted from the CAD input
CAD_INV
L
CAD not Inverted
The CAD output logic follows the CAD input
4.53 k
Ω
Increased Gain
Main Link DisplayPort Output will have an increased voltage swing
DPadj
6.49 k
Ω
Nominal Gain
Main Link DisplayPort Output will have a nominal voltage swing
10 k
Ω
Decreased Gain
Main Link DisplayPort Output will have a decreased voltage swing
(1)
(H) Logic High; (L) Logic Low
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN75DP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com