Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP118RHHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP118RHHT
Description  DisplayPort 1:1 Repeater
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP118RHHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75DP118RHHT Datasheet HTML 3Page - Texas Instruments SN75DP118RHHT Datasheet HTML 4Page - Texas Instruments SN75DP118RHHT Datasheet HTML 5Page - Texas Instruments SN75DP118RHHT Datasheet HTML 6Page - Texas Instruments SN75DP118RHHT Datasheet HTML 7Page - Texas Instruments SN75DP118RHHT Datasheet HTML 8Page - Texas Instruments SN75DP118RHHT Datasheet HTML 9Page - Texas Instruments SN75DP118RHHT Datasheet HTML 10Page - Texas Instruments SN75DP118RHHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
0V
0V
0V
50%
50%
tZ(HPD)
HPD_IN=VCC
LP =High
HPD_OUT=VDD
VCC
VDD
MAIN LINK PINS
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN75DP118
www.ti.com..................................................................................................................................... SLLS916A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
Figure 5. HPD Timing Diagram Number 3
The main link I/O of the SN75DP118 is designed to track the magnitude and frequency characteristics of the
input waveform and replicate them on the output. A feature has also been incorporated in the SN75DP118 to
either increase of decrease the output amplitude via the resistor connected between the DPadj pin and ground.
over recommended operating (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ΔVI/O(2)
VID = 200 mV, DPadj = 6.5 kΩ
0
30
60
ΔVI/O(3)
VID = 300 mV, DPadj = 6.5 kΩ
–24
11
36
Difference between input and output
mV
voltages (VOD – VID)
ΔVI/O(4)
VID = 400 mV, DPadj = 6.5 kΩ
-45
-15
15
ΔVI/O(6)
VID = 600 mV, DPadj = 6.5 kΩ
-87
-47
-22
RINT
Input termination impedance
45
50
55
Ω
VIterm
Input termination voltage
0
2
V
over recommended operating (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR/F(DP)
Output edge rate (20% - 80%)
Input edge rate = 80 ps (20% – 80%)
115
ps
tPD
Propagation delay time
F = 1MHz, VID = 400 mV
200
240
280
ps
tSK(1)
Intra-pair skew
F = 1MHz, VID = 400 mV
20
ps
tSK(2)
Inter-pair skew
F = 1MHz, VID = 400 mV
40
ps
tDPJIT(PP)
Peak-to-peak output residual jitter
dR = 2.7Gbps, VID = 400 mV, PRBS7
25
35
ps
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN75DP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com