Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6357 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT6357
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6357 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT6357_08 Datasheet HTML 1Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 2Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 3Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 4Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 5Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 6Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 7Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 8Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACT6357/ACT6358
Rev0, 03-Feb-08
Innovative Products. Active Solutions.
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
(VIN = VEN = 3.3V, TA = 25°C, unless otherwise specified.)
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power Switch Voltage Rating
40
V
Input Voltage
2.6
5.5
V
Under Voltage Lockout Threshold
VIN Rising
2.1
2.25
2.45
V
Under Voltage Lockout Hysteresis
80
mV
Supply Current
Not Switching
0.1
0.25
mA
Switching
0.25
0.5
Supply Current in Shutdown
EN = G
0.1
10
µA
Maximum On Time
VIN = 3.3V
2.6
4.0
5.8
µs
Maximum On Time Constant (K)
K = tMAXON × VIN
13.2
µs × V
Minimum Off Time
220
320
450
ns
FB Feedback Voltage
VBC = 3.3V
275
290
305
mV
VBC = 1.25V
197
207
217
VBC = 0.625V
98
106
114
∆VFB/∆VBC Ratio
0.16
V/V
FB Input Current
VFB = 1V
0
200
nA
BC Input Impedance
VBC = 0 to 1.25V
400
kΩ
Switch Current Limit
ACT6357
320
500
750
mA
ACT6358
620
1000
1500
Switch On Resistance
VIN = 3.3V
0.55
0.9
Ω
Switch Leakage Current
VSW = 38V, EN = G
10
µA
Over Voltage Protection Threshold
VOV Rising
1.11
1.21
1.31
V
OV Input Current
VOV = 1.5V
0
200
nA
EN Logic High Threshold
1.4
V
EN Logic Low Threshold
0.4
V
EN Input Current
VEN = 0V or 5V
0
1
µA
Thermal Shutdown Temperature
160
°C
Thermal Shutdown Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com