Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6357 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT6357
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6357 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT6357_08 Datasheet HTML 2Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 3Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 4Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 5Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 6Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 7Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 8Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 9Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACT6357/ACT6358
Rev0, 03-Feb-08
Innovative Products. Active Solutions.
- 7 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(VVIN = 3.6V, TA = 25°C, unless otherwise specified.)
ACT6357 Efficiency vs. Load Current
Load Current (mA)
50
5
0
60
ACT6357 Efficiency vs. Load Current
70
80
90
100
10
15
20
25
50
60
70
80
90
100
4 LEDs
4 LEDs
ACT6357 Efficiency vs. Load Current
50
60
70
80
90
100
6 LEDs
30
Load Current (mA)
5
0
10
15
20
25
30
Load Current (mA)
5
0
10
15
20
25
30
VIN = 3.6V
L = 33µH
L = 22µH
L = 33µH
VIN = 3.2V
VIN = 5V
VIN = 3.6V
VIN = 3.6V
L = 33µH
L = 22µH
ACT6357 Efficiency vs. Load Current
Load Current (mA)
50
5
0
60
ACT6357 Efficiency vs. Load Current
70
80
90
100
10
15
20
25
50
60
70
80
90
100
6 LEDs
8 LEDs
ACT6357 Efficiency vs. Load Current
50
60
70
80
90
100
8 LEDs
30
Load Current (mA)
5
0
10
15
20
25
30
Load Current (mA)
5
0
10
15
20
25
30
VIN = 5V
L = 33µH
VIN = 3.6V
L = 33µH
VIN = 3.2V
VIN = 3.6V
L = 33µH
L = 22µH
VIN = 5V
VIN = 3.2V
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com