Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6360 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT6360
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6360 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT6360 Datasheet HTML 1Page - Active-Semi, Inc ACT6360 Datasheet HTML 2Page - Active-Semi, Inc ACT6360 Datasheet HTML 3Page - Active-Semi, Inc ACT6360 Datasheet HTML 4Page - Active-Semi, Inc ACT6360 Datasheet HTML 5Page - Active-Semi, Inc ACT6360 Datasheet HTML 6Page - Active-Semi, Inc ACT6360 Datasheet HTML 7Page - Active-Semi, Inc ACT6360 Datasheet HTML 8Page - Active-Semi, Inc ACT6360 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACT6360
Rev0, 23-May-08
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
PART NUMBER
CURRENT
LIMIT
TEMPERATURE
RANGE
PACKAGE PINS
PACKAGING
ACT6360US-T
1A
-40°C to 85°C
SOT23-6
6
TAPE & REEL
TOP MARK
WJFS
PIN
NAME
DESCRIPTION
1
SW
Switch Output. Connect this pin to the inductor and the Schottky diode.
2
G
Ground
3
OV
Over Voltage Protection Input. The IC is automatically disabled when the voltage at this pin
exceeds 1.21V. Connect OV to the center point of a resistive voltage divider connected across
the LED string.
4
FB
Feedback Input. Connect this pin to the cathode of the bottom LED, and a current feedback
resistor between this pin and G to set the LED bias current.
5
EN
Enable Control. Drive to a logic high to enable the device. Connect to a logic low to disable the
device. EN should not be left floating; connect EN to IN when unused.
6
IN
Supply Input
PIN CONFIGURATION
PIN DESCRIPTIONS
ORDERING INFORMATION
SW
GEN
FB
OV
IN
6
4
1
3
5
2
ACT6360
SOT23-6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com