Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6360 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT6360
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6360 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT6360 Datasheet HTML 1Page - Active-Semi, Inc ACT6360 Datasheet HTML 2Page - Active-Semi, Inc ACT6360 Datasheet HTML 3Page - Active-Semi, Inc ACT6360 Datasheet HTML 4Page - Active-Semi, Inc ACT6360 Datasheet HTML 5Page - Active-Semi, Inc ACT6360 Datasheet HTML 6Page - Active-Semi, Inc ACT6360 Datasheet HTML 7Page - Active-Semi, Inc ACT6360 Datasheet HTML 8Page - Active-Semi, Inc ACT6360 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ACT6360
Rev0, 23-May-08
Innovative PowerTM
- 5 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
Control Scheme
The ACT6360 uses a minimum off-time, current-
mode control scheme to achieve excellent perform-
ance under high duty-cycle operating conditions.
This control scheme initiates a switching cycle only
when needed to maintain output voltage regulation,
resulting in very high efficiency operation.
During each switching cycle, the N-channel power
MOSFET turns on, increasing the inductor current.
The switching cycle terminates when either the in-
ductor current reaches the current limit (1000mA) or
when the cycle lasts longer than the maximum on-
time of 4µs. Once the MOSFET turns off, it remains
off for at least the minimum off-time of 320ns, then
another switching begins when the error compara-
tor detects that the output is falling out of regulation
again.
Over Voltage Protection
The ACT6360 includes internal over-voltage protec-
tion circuitry that monitors the OV pin voltage. Over-
voltage protection is critical when one of the LEDs
in the LED string fails as an open circuit. When this
happens the feedback voltage drops to zero, and
the control switches at maximum on time causing
the output voltage to keep rising until it exceeds the
maximum voltage rating of the power MOSFET.
The over-voltage protection circuit detects this con-
dition and switching ceases if the voltage at the OV
pin reaches 1.21V.
To set the maximum output voltage, connect a re-
sistor divider from the output node to G, with center
tap at OV, and select the two resistors with the fol-
lowing equation:
where VOV is the over voltage detection threshold,
ROV1 is the resistor between OV and G, and ROV2 is
the resistor from the output to the OV pin. As a first
estimate, the OV threshold can often be set to 4V
times the number of LEDs in the string.
Setting the LED Current
The LED current is programmed by appropriate se-
lection of the feedback resistor RFB connected be-
tween FB and G. To set the LED current, choose
the resistor according to the equation:
where VFB is the FB feedback voltage (typically
290mV at VEN = 3.3V) and ILED is the desired maxi-
mum LED current.
DRIVER
ENABLE
CIRCUIT
UVLO
CONTROL
LOGIC
THERMAL
SHUTDOWN
BANDGAP
REFERENCE
MAXIMUM
ON TIME
MINIMUM
OFF TIME
1.21V
OV COMPARATOR
+
-
ERROR
COMPARATOR
+
-
EN
G
FB
IN
OV
SW
ACT6360
0.29V
⎥
⎦
⎤
⎢
⎣
⎡
−
⎟
⎠
⎞
⎜
⎝
⎛
×
=
1
V
21
.
1
V
R
R
OV
1
OV
2
OV
LED
FB
FB
I
V
R
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com