Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPC12 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STPC12
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STPC12 Datasheet HTML 71Page - STMicroelectronics STPC12 Datasheet HTML 72Page - STMicroelectronics STPC12 Datasheet HTML 73Page - STMicroelectronics STPC12 Datasheet HTML 74Page - STMicroelectronics STPC12 Datasheet HTML 75Page - STMicroelectronics STPC12 Datasheet HTML 76Page - STMicroelectronics STPC12 Datasheet HTML 77Page - STMicroelectronics STPC12 Datasheet HTML 78Page - STMicroelectronics STPC12 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 111 page
background image
DESIGN GUIDELINES
Issue 1.0 - July 24, 2002
75/111
6. DESIGN GUIDELINES
6.1. TYPICAL APPLICATIONS
The
STPC
Atlas
is
well
suited
for
many
applications.
Some
of
the
possible
implementations are described below.
6.1.1. THIN CLIENT
A Thin-Client is a terminal running ICATM (Citrix)
or RDP
TM (Microsoft) protocol. The display is
computed by the server and sent in a compressed
way to the terminal for display. The same
streaming approach is used for sending the
keyboard/mouse/USB data to the server.
These protocols have room for dedicated data
channels in case the terminal is not ’thin’ and can
execute
locally
some
applications,
hence
optimizing the bandwidth usage. For example, if a
terminal
has
browsing
or
MPEG
decoding
capability, the server will provide internet source
files or MPEG streaming.
The same hardware can run X-terminal protocol
and can be reconfigured by the server when
booting on the network by uploading a different
OS and application.
Figure 6-1. Thin-Client - Block Diagram
STPC
TFT
ATLAS
SDRAM
64
FLASH
LAN
AUDIO
Kbd / Mouse
USB
IEEE1284
16
PCI
IDE / PCI
VGA
MPEG
DECODER
CCIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com