Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPC12 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPC12
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPC12 Datasheet HTML 25Page - STMicroelectronics STPC12 Datasheet HTML 26Page - STMicroelectronics STPC12 Datasheet HTML 27Page - STMicroelectronics STPC12 Datasheet HTML 28Page - STMicroelectronics STPC12 Datasheet HTML 29Page - STMicroelectronics STPC12 Datasheet HTML 30Page - STMicroelectronics STPC12 Datasheet HTML 31Page - STMicroelectronics STPC12 Datasheet HTML 32Page - STMicroelectronics STPC12 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
PIN DESCRIPTION
Issue 1.0 - July 24, 2002
29/111
Table 2-6. Pinout
Pin#
Pin Name
D15
SYSRSETI#
C15
SYSRSETO#
AF21
XTALI
AF22
XTALO
AF23
PCI_CLKI
AF24
PCI_CLKO
E15
ISA_CLK
A16
ISA_CLK2X
AB18
OSC14M
AB24
HCLK
AB25
DEV_CLK1/FCS1#
AC18
DCLK
AF20
MCLKI
AF19
MCLKO
U5
MA[0]
V1
MA[1]
V2
MA[2]
V3
MA[3]
V4
MA[4]
V5
MA[5]
W1
MA[6]
W2
MA[7]
W3
MA[8]
W5
MA[9]
Y1
MA[10]
Y2
BA[0]
U3
RAS#[0]
U4
RAS#[1]
R5
CAS#[0]
T1
CAS#[1]
R4
MWE#
J4
MD[0]
J2
MD[1]
K5
MD[2]
K3
MD[3]
K1
MD[4]
L4
MD[5]
L2
MD[6]
M5
MD[7]
M3
MD[8]
M1
MD[9]
N4
MD[10]
N2
MD[11]
P1
MD[12]
P3
MD[13]
P5
MD[14]
R2
MD[15]
AA4
MD[16]
AB1
MD[17]
Note1; This signal is multiplexed
see Table 2-4
AB3
MD[18]
AC1
MD[19]
AC3
MD[20]
AD2
MD[21]
AF3
MD[22]
AE4
MD[23]
AF4
MD[24]
AD5
MD[25]
AF5
MD[26]
AC6
MD[27]
AF6
MD[28]
AC7
MD[29]
AE7
MD[30]
AB8
MD[31]
J3
MD[32]
J1
MD[33]
K4
MD[34]
K2
MD[35]
L5
MD[36]
L3
MD[37]
L1
MD[38]
M4
MD[39]
M2
MD[40]
N5
MD[41]
N3
MD[42]
N1
MD[43]
P2
MD[44]
P4
MD[45]
R1
MD[46]
R3
MD[47]
AA5
MD[48]
AB2
MD[49]
AB4
MD[50]
AC2
MD[51]
AD1
MD[52]
AE3
MD[53]
AD4
MD[54]
AC5
MD[55]
AB6
MD[56]
AE5
MD[57]
AB7
MD[58]
AD6
MD[59]
AE6
MD[60]
AD7
MD[61]
AF7
MD[62]
AC8
MD[63]
U1
CS#[0]
U2
CS#[1]
Y3
CS#[2]/MA[11]
Y4
CS#[3]/MA[12]/BA[1]
T2
DQM[0]
Table 2-6. Pinout
Pin#
Pin Name
Note1; This signal is multiplexed
see Table 2-4
T4
DQM[1]
Y5
DQM[2]
AA2
DQM[3]
T3
DQM[4]
T5
DQM[5]
AA1
DQM[6]
AA3
DQM[7]
B3
AD[0]
A3
AD[1]
C4
AD[2]
B4
AD[3]
A4
AD[4]
D5
AD[5]
C5
AD[6]
B5
AD[7]
A5
AD[8]
D6
AD[9]
C6
AD[10]
B6
AD[11]
A6
AD[12]
E7
AD[13]
D7
AD[14]
C7
AD[15]
A9
AD[16]
E10
AD[17]
C10
AD[18]
B10
AD[19]
A10
AD[20]
E11
AD[21]
D11
AD[22]
C11
AD[23]
A11
AD[24]
E12
AD[25]
D12
AD[26]
C12
AD[27]
B12
AD[28]
A12
AD[29]
E13
AD[30]
D13
AD[31]
E6
CBE[0]
B7
CBE[1]
B9
CBE[2]
B11
CBE[3]
C9
FRAME#
E9
TRDY#
D9
IRDY#
B8
STOP#
A8
DEVSEL#
A7
PAR
D8
PERR#
Table 2-6. Pinout
Pin#
Pin Name
Note1; This signal is multiplexed
see Table 2-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com