Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6728A Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6728A
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6728A Datasheet HTML 2Page - STMicroelectronics L6728A Datasheet HTML 3Page - STMicroelectronics L6728A Datasheet HTML 4Page - STMicroelectronics L6728A Datasheet HTML 5Page - STMicroelectronics L6728A Datasheet HTML 6Page - STMicroelectronics L6728A Datasheet HTML 7Page - STMicroelectronics L6728A Datasheet HTML 8Page - STMicroelectronics L6728A Datasheet HTML 9Page - STMicroelectronics L6728A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
L6728A
Pins description and connection diagrams
6/32
2.2
Thermal data
Table 3.
Thermal data
9
VSEN
Regulated voltage sense pin for OVP and UVP protections and PGOOD.
Connect to the output regulated voltage, or to the output resistor divider if
the regulated voltage is higher than the reference.
10
PGOOD
Open drain output set free after SS has finished and pulled low when VSEN
is outside the relative window. Pull up to a voltage equal or lower than VCC.
If not used it can be left floating.
Table 2.
Pin description (continued)
Pin #
Name
Function
Symbol
Parameter
Value
Unit
RTH(JA)
Thermal resistance junction to ambient
(Device soldered on 2s2p, 67 mm x 69 mm board)
45
°C/W
RTH(JC)
Thermal resistance junction to case
5
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
-40 to 125
°C
PTOT
Maximum power dissipation at TA = 25 °C
2.25
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com