Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6728A Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6728A
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6728A Datasheet HTML 12Page - STMicroelectronics L6728A Datasheet HTML 13Page - STMicroelectronics L6728A Datasheet HTML 14Page - STMicroelectronics L6728A Datasheet HTML 15Page - STMicroelectronics L6728A Datasheet HTML 16Page - STMicroelectronics L6728A Datasheet HTML 17Page - STMicroelectronics L6728A Datasheet HTML 18Page - STMicroelectronics L6728A Datasheet HTML 19Page - STMicroelectronics L6728A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
L6728A
Application details
16/32
b)
Place FZ1 below FLC (typically 0.5*FLC):
c)
Place FP1 at FESR:
d)
Place FZ2 at FLC and FP2 at half of the switching frequency:
e)
Check that compensation network gain is lower than open loop EA gain before
F0dB;
f)
Check phase margin obtained (it should be greater than 45°) and repeat if
necessary.
9.2
Layout guidelines
L6728A provides control functions and high current integrated drivers to implement high-
current step-down DC-DC converters. In this kind of application, a good layout is very
important.
The first priority when placing components for these applications has to be reserved to the
power section, minimizing the length of each connection and loop as much as possible. To
minimize noise and voltage spikes (EMI and losses) power connections (highlighted in
Figure 7) must be a part of a power plane and anyway realized by wide and thick copper
traces: loop must be anyway minimized. The critical components, i.e. the power MOSFETs,
must be close one to the other. The use of multi-layer printed circuit board is recommended.
The input capacitance (CIN), or at least a portion of the total capacitance needed, has to be
placed close to the power section in order to eliminate the stray inductance generated by the
copper traces. Low ESR and ESL capacitors are preferred, MLCC are suggested to be
connected near the HS drain.
Use proper VIAs number when power traces have to move between different planes on the
PCB in order to reduce both parasitic resistance and inductance. Moreover, reproducing the
same high-current trace on more than one PCB layer will reduce the parasitic resistance
associated to that connection.
Connect output bulk capacitors (COUT) as near as possible to the load, minimizing parasitic
inductance and resistance associated to the copper trace, also adding extra decoupling
capacitors along the way to the load when this results in being far from the bulk capacitors
bank.
C
F
1
π R
F
F
LC
⋅⋅
-----------------------------
=
C
P
C
F
2
π R
F
C
F
F
ESR
1
–
⋅⋅
⋅
----------------------------------------------------------
=
R
S
R
FB
F
SW
2F
⋅
LC
------------------
1
–
---------------------------
=
C
S
1
π R
S
F
SW
⋅⋅
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com