Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6728ATR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6728ATR
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728ATR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6728ATR Datasheet HTML 5Page - STMicroelectronics L6728ATR Datasheet HTML 6Page - STMicroelectronics L6728ATR Datasheet HTML 7Page - STMicroelectronics L6728ATR Datasheet HTML 8Page - STMicroelectronics L6728ATR Datasheet HTML 9Page - STMicroelectronics L6728ATR Datasheet HTML 10Page - STMicroelectronics L6728ATR Datasheet HTML 11Page - STMicroelectronics L6728ATR Datasheet HTML 12Page - STMicroelectronics L6728ATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
L6728A
Device description
9/32
4
Device description
L6728A is a single-phase PWM controller with embedded high-current drivers that provides
complete control logic and protections to realize in an easy and simple way a general DC-
DC step-down converter. Designed to drive N-channel MOSFETs in a synchronous buck
topology, with its high level of integration this 10-pin device allows reducing cost and size of
the power supply solution also providing real-time PGOOD in a compact
VFQFPN10 3x3 mm.
L6728A is designed to operate from a 5 V or 12 V supply. The output voltage can be
precisely regulated to as low as 0.8 V with ±1 % accuracy over line and temperature
variations. The switching frequency is internally set to 600 kHz.
This device provides a simple control loop with a voltage-mode error-amplifier. The error-
amplifier features a 15 MHz gain-bandwidth product and 8 V/µs slew rate, allowing high
regulator bandwidth for fast transient response.
To avoid load damages, L6728A provides over-current protection as well as overvoltage,
under voltage and feedback disconnection protection. The over-current trip threshold is
programmable by a simple resistor connected from Lgate to GND. Output current is
monitored across low-side MOSFET RDS(on), saving the use of expensive and space-
consuming sense resistor. Output voltage is monitored through dedicated VSEN pin.
L6728A implements soft-start increasing the internal reference in closed loop regulation.
low-side-less feature allows the device to perform soft-start over pre-biased output avoiding
high current return through the output inductor and dangerous negative spike at the load
side.
L6728A is available in a compact VFDFN10 3 x 3 mm package with exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com