Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6728ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6728ATR
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728ATR Datasheet(HTML) 1 Page - STMicroelectronics

  L6728ATR Datasheet HTML 1Page - STMicroelectronics L6728ATR Datasheet HTML 2Page - STMicroelectronics L6728ATR Datasheet HTML 3Page - STMicroelectronics L6728ATR Datasheet HTML 4Page - STMicroelectronics L6728ATR Datasheet HTML 5Page - STMicroelectronics L6728ATR Datasheet HTML 6Page - STMicroelectronics L6728ATR Datasheet HTML 7Page - STMicroelectronics L6728ATR Datasheet HTML 8Page - STMicroelectronics L6728ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
October 2008
Rev 1
1/32
1
L6728A
High frequency single phase PWM controller with Power Good
Features
■ Flexible power supply from 5 V to 12 V
■ Power conversion input as low as 1.5 V
■ 0.8 V internal reference
■ 0.8 % output voltage accuracy
■ High-current integrated drivers
■ Power Good output
■ Sensorless and programmable OCP across
low-side RDS(on)
■ OV / UV protections
■ VSEN disconnection protection
■ Oscillator internally fixed at 600 kHz
■ LS-LESS to manage pre-bias start-up
■ Adjustable output voltage
■ Disable function
■ Internal soft-start
■ VFDFPN 10 package
Applications
■ Memory and termination supply
■ Subsystem power supply (MCH, IOCH, PCI)
■ CPU and DSP power supply
■ Distributed power supply
■ General DC / DC converters
Description
L6728A is a single-phase step-down controller
with integrated high-current drivers that provides
complete control logic and protection to realize in
a simple way general DC-DC converters by using
a compact VFDFPN 10 package.
Device flexibility allows managing conversions
with power input VIN as low as 1.5 V and device
supply voltage ranging from 5 V to 12 V.
L6728A provides simple control loop with voltage
mode EA. The integrated 0.8 V reference allows
regulating output voltages with ±0.8 % accuracy
over line and temperature variations. Oscillator is
internally fixed to 600 kHz.
L6728A provides programmable dual level over
current protection as well as over and under
voltage protection. Current information is
monitored across the low-side MOSFET RDS(on)
saving the use of expensive and space-
consuming sense resistors.
PGOOD output easily provides real-time
information on output voltage status, through
VSEN dedicated output monitor.
VFQFPN 10
Table 1.
Device summary
Order codes
Package
Packing
L6728A
VFDFPN 10
Tube
L6728ATR
VFDFPN 10
Tape and reel
www.st.com


Similar Part No. - L6728ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6728AH STMICROELECTRONICS-L6728AH Datasheet
1Mb / 33P
High frequency single phase PWM controller with Power Good
20-May-2009
L6728AHTR STMICROELECTRONICS-L6728AHTR Datasheet
1Mb / 33P
High frequency single phase PWM controller with Power Good
20-May-2009
More results

Similar Description - L6728ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
Single phase PWM controller
26-Oct-2006
logo
International Rectifier
IR3629 IRF-IR3629 Datasheet
586Kb / 23P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT
logo
STMicroelectronics
L6728 STMICROELECTRONICS-L6728 Datasheet
1Mb / 32P
Single phase PWM controller with PowerGOOD
17-Sep-2007
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
Single phase PWM controller
30-Jul-2007
L6728_0706 STMICROELECTRONICS-L6728_0706 Datasheet
1Mb / 31P
Single phase PWM controller with Power Good
05-Jun-2008
logo
Microsemi Corporation
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
Single phase PWM controller
23-Mar-2010
L6728AH STMICROELECTRONICS-L6728AH Datasheet
1Mb / 33P
High frequency single phase PWM controller with Power Good
20-May-2009
L6728D STMICROELECTRONICS-L6728D Datasheet
1Mb / 33P
Single-phase PWM controller with Power Good
03-Feb-2010
L6728H STMICROELECTRONICS-L6728H Datasheet
1Mb / 32P
Single phase PWM controller with Power Good
20-May-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com