Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDC12L00010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPDC12L00010
Description  10 A DC/DC converter module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPDC12L00010 Datasheet(HTML) 1 Page - STMicroelectronics

  SPDC12L00010 Datasheet HTML 1Page - STMicroelectronics SPDC12L00010 Datasheet HTML 2Page - STMicroelectronics SPDC12L00010 Datasheet HTML 3Page - STMicroelectronics SPDC12L00010 Datasheet HTML 4Page - STMicroelectronics SPDC12L00010 Datasheet HTML 5Page - STMicroelectronics SPDC12L00010 Datasheet HTML 6Page - STMicroelectronics SPDC12L00010 Datasheet HTML 7Page - STMicroelectronics SPDC12L00010 Datasheet HTML 8Page - STMicroelectronics SPDC12L00010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2008
Rev 1
1/24
24
SPDC12L00010
10 A DC/DC converter module
Features
■ MTBF 1 000 000 (TA = 25 °C)
■ 10 A max output current
■ Input voltage range from 1.8 V to 14 V
■ Supply voltage range from 4.5 V to 14 V
■ Fixed or adjustable output voltage
down to 0.6 V
■ Fixed frequency voltage mode control
■ Adjustable switching frequency
■ Soft-start and inhibit
■ Selectable UVLO threshold (5 V or 12 V bus)
■ Master/slave synchronization with 180° phase
shift
■ Pre-bias start-up capability
■ Selectable source/sink or source only
capability after soft-start
■ Power Good output with programmable delay
■ Over voltage protection with selectable
latched/not-latched mode
■ Thermal shut-down
■ Operating temperature range -40 °C ÷ 85 °C
Applications
■ Laptop
■ Blade servers
■ RAID systems
■ Network routers
■ Cellular base stations
■ Industrial equipment
■ Test instrumentation
■ Medical diagnostic equipment
■ Points of load regulation
Table 1.
Device summary
Order code
Output voltage
[V]
Input voltage
[V]
Output ripple
[mVpp]
Efficiency
[%]
Notes
SPDC12L00010
0.6 ÷ 5
1.8 ÷ 14
40
70 ÷ 93
Progr. output
voltage
www.st.com


Similar Part No. - SPDC12L00010

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SPDC10-02 LEIDITECH-SPDC10-02 Datasheet
488Kb / 3P
Surge Protector (SPD) L-N-PE
More results

Similar Description - SPDC12L00010

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
DC-DC Converter Module
V24A28C400BL VICOR-V24A28C400BL Datasheet
781Kb / 13P
DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
DC-DC Converter Module
V28B5T75BF VICOR-V28B5T75BF Datasheet
1Mb / 11P
DC-DC Converter Module
V28C28M100BL VICOR-V28C28M100BL Datasheet
1Mb / 11P
DC-DC Converter Module
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com