Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDC12L00010 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPDC12L00010
Description  10 A DC/DC converter module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPDC12L00010 Datasheet(HTML) 5 Page - STMicroelectronics

  SPDC12L00010 Datasheet HTML 1Page - STMicroelectronics SPDC12L00010 Datasheet HTML 2Page - STMicroelectronics SPDC12L00010 Datasheet HTML 3Page - STMicroelectronics SPDC12L00010 Datasheet HTML 4Page - STMicroelectronics SPDC12L00010 Datasheet HTML 5Page - STMicroelectronics SPDC12L00010 Datasheet HTML 6Page - STMicroelectronics SPDC12L00010 Datasheet HTML 7Page - STMicroelectronics SPDC12L00010 Datasheet HTML 8Page - STMicroelectronics SPDC12L00010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SPDC12L00010
Pin settings
5/24
2
Pin settings
2.1
Pin connection and mechanical data (dimensions in mm)
Figure 1.
Pin connection
2.2
Pin description
AM00542v1
Table 2.
Pin description
Name Function
Description
J11
VAUX
Auxiliary voltage.
Internally regulated 5 V voltage. It is used to supply the internal drivers and the
voltage reference.
K11
OS
Oscillator set.
Connecting a resistor from this pin to SGND or to VAUX, the switching frequency
can be increased or decreased.
In OVP status the pin is pulled to 4.5 V (latched mode only).
L2
VSENSE
Voltage sense.
Using this pin it is possible to recover the voltage drop on Vout track.
L3
VCC
VCC.
Controller voltage supply pin. The operative voltage range for the internal
controller is 4.5 V to 14 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com