Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L30A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS1L30A
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30A Datasheet(HTML) 3 Page - STMicroelectronics

  STPS1L30A Datasheet HTML 1Page - STMicroelectronics STPS1L30A Datasheet HTML 2Page - STMicroelectronics STPS1L30A Datasheet HTML 3Page - STMicroelectronics STPS1L30A Datasheet HTML 4Page - STMicroelectronics STPS1L30A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
5
10
15
20
25
30
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
IR(mA)
Tj=125°C
Tj=25°C
Tj=100°C
Tj=150°C
VR(V)
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).
12
5
10
20
30
10
100
500
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.10
1.00
10.00
IFM(A)
Tj=100°C
Tj=150°C
Tj=25°C
VFM(V)
Fig. 7-1: Forward voltage drop versus forward cur-
rent (typical values, high level).
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
Fig. 4-1: Relative variation of thermal impedance
junction to ambient versus pulse duration (epoxy
printed circuit board, e(Cu)=35
µm, recommended
pad layout) (SMB).
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-a)/Rth(j-a)
tp(s)
T
δ=tp/T
tp
Fig. 4-2: Relative variation of thermal impedance
junction to ambient versus pulse duration (epoxy
printed circuit board, e(Cu)=35
µm, recommended
pad layout) (SMA).
0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55 0.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IFM(A)
Tj=125°C
Typical values
Tj=150°C
Tj=100°C
Tj=25°C
VFM(V)
Fig. 7-2: Forward voltage drop versus forward cur-
rent (maximum values, low level).
STPS1L30A/U
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com