Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L30A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS1L30A
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30A Datasheet(HTML) 5 Page - STMicroelectronics

  STPS1L30A Datasheet HTML 1Page - STMicroelectronics STPS1L30A Datasheet HTML 2Page - STMicroelectronics STPS1L30A Datasheet HTML 3Page - STMicroelectronics STPS1L30A Datasheet HTML 4Page - STMicroelectronics STPS1L30A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA
SMB
E
C
L
E1
D
A1
A2
b
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.41
0.006
0.016
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
D
3.30
3.95
0.130
0.156
L
0.75
1.60
0.030
0.063
1.52
2.75
2.3
1.52
FOOT PRINT DIMENSIONS (in millimeters)
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS1L30U
G23
SMB
0.107g
2500
Tape & reel
STPS1L30A
GB3
SMA
0.068g
5000
Tape & reel
Band indicates cathode
Epoxy meets UL94,V0
STPS1L30A/U
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com