Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5973D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5973D
Description  2.5 A switch step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973D Datasheet(HTML) 1 Page - STMicroelectronics

  L5973D Datasheet HTML 1Page - STMicroelectronics L5973D Datasheet HTML 2Page - STMicroelectronics L5973D Datasheet HTML 3Page - STMicroelectronics L5973D Datasheet HTML 4Page - STMicroelectronics L5973D Datasheet HTML 5Page - STMicroelectronics L5973D Datasheet HTML 6Page - STMicroelectronics L5973D Datasheet HTML 7Page - STMicroelectronics L5973D Datasheet HTML 8Page - STMicroelectronics L5973D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
January 2008
Rev 16
1/17
17
L5973D
2.5 A switch step down switching regulator
Features
■ 2.5 A internal switch
■ Operating input voltage from 4 V to 36 V
■ 3.3 V / (±2%) reference voltage
■ Output voltage adjustable from 1.235 V to 35 V
■ Low dropout operation: 100 % duty cycle
■ 250 kHz internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting
■ Inhibit for zero current consumption
■ Synchronization
■ Protection against feedback disconnection
■ Thermal shutdown
Applications
■ Consumer: STB, DVD, TV, VCR, car radio,
LCD monitors
■ Networking: XDSL, modems, DC-DC modules
■ Computer: printers, audio/graphic cards,
optical storage, hard disk drive
■ Industrial: changers, car battery, DC-DC
converters
Figure 1.
Test application circuit
Description
The L5973D is a step down monolithic power
switching regulator with a minimum switch current
limit of 2.5 A so it is able to deliver more than 2 A
DC current to the load depending on the
application conditions.
The output voltage can be set from 1.235 V to
35 V. The high current level is also achieved
thanks to an SO8 package with exposed frame,
that allows to reduce the Rth(j-amb) down to
approximately 40 °C/W.
The device uses an internal P-channel D-MOS
transistor (with a typical Rdson of 250 m
Ω) as
switching element to minimize the size of the
external components.
An internal oscillator fixes the switching frequency
at 250 kHz.
Having a minimum input voltage of 4 V only, it is
particularly suitable for 5 V bus, available in all
computer related applications.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection.
HSOP8 exposed pad
www.st.com
D03IN1439
8
4
5
1
7
L5973D
C1
10
µF
35V
CERAMIC
C2
330
µF
10V
VOUT=3.3V
VIN = 4.4V to 35V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
µH
D1
STPS340U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF


Similar Part No. - L5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
L5973D STMICROELECTRONICS-L5973D Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
More results

Similar Description - L5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
2A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
L5970AD STMICROELECTRONICS-L5970AD Datasheet
135Kb / 11P
1.5A SWITCH STEP DOWN SWITCHING REGULATOR
Mar-2005
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
L5973AD STMICROELECTRONICS-L5973AD_08 Datasheet
491Kb / 21P
2 A switch step down switching regulator
10-Jan-2008
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
2.5 A step-down switching regulator
28-Aug-2008
E-L5973AD STMICROELECTRONICS-E-L5973AD Datasheet
489Kb / 22P
2 A switch step down switching regulator
01-Nov-2009
E-L293DD STMICROELECTRONICS-E-L293DD Datasheet
298Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com