Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5973D Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5973D
Description  2.5 A switch step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5973D Datasheet HTML 8Page - STMicroelectronics L5973D Datasheet HTML 9Page - STMicroelectronics L5973D Datasheet HTML 10Page - STMicroelectronics L5973D Datasheet HTML 11Page - STMicroelectronics L5973D Datasheet HTML 12Page - STMicroelectronics L5973D Datasheet HTML 13Page - STMicroelectronics L5973D Datasheet HTML 14Page - STMicroelectronics L5973D Datasheet HTML 15Page - STMicroelectronics L5973D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application ideas
L5973D
12/17
When an output voltage below the internal reference (1.235 V) is required, the circuit
reported in the figure 18 can been used. In this case the minimum voltage reachable is 0.6 V
and can be easily calculated with the following formula:
VOUT = VFB - [(VREF - VFB)x(R2 / R1)]
If the load is not present, a resistor connected between VOUT and GND is required in order
to avoid that the voltage across COUT increases.
The value of this resistor has to be calculated taking into account that the current flowing
through this resistance has to be higher than the current flowing through R2.
Figure 19.
Output voltage below the 1.235 V internal voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com