Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6566B Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6566B
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6566B Datasheet HTML 11Page - STMicroelectronics L6566B Datasheet HTML 12Page - STMicroelectronics L6566B Datasheet HTML 13Page - STMicroelectronics L6566B Datasheet HTML 14Page - STMicroelectronics L6566B Datasheet HTML 15Page - STMicroelectronics L6566B Datasheet HTML 16Page - STMicroelectronics L6566B Datasheet HTML 17Page - STMicroelectronics L6566B Datasheet HTML 18Page - STMicroelectronics L6566B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
L6566B
Electrical characteristics
15/51
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Zero current detector/ overvoltage protection
VZCDH
Upper clamp voltage
IZCD = 3 mA
5.4
5.7
6
V
VZCDL
Lower clamp voltage
IZCD = - 3 mA
-0.4
V
VZCDA
Arming voltage
(1) positive-going edge
85
100
115
mV
VZCDT
Triggering voltage
(1) negative-going edge
30
50
70
mV
IZCD
Internal pull-up
VCOMP < VCOMPSH
-1
µA
VZCD < 2 V, VCOMP = VCOMPHI
-130
-100
-70
IZCDsrc
Source current capability
VZCD = VZCDL
-3
mA
IZCDsnk
Sink current capability
VZCD = VZCDH
3mA
TBLANK1
Turn-on inhibit time
After gate-drive going low
2.5
µs
VZCDth
OVP threshold
4.85
5
5.15
V
TBLANK2
OVP strobe delay
After gate-drive going low
2
µs
Latched shutdown function
IOTP
Input bias current
VDIS = 0 to VOTP
-1
µA
VOTP
Disable threshold
(1)
4.32
4.5
4.68
V
Thermal shutdown
Vth
Shutdown threshold
160
°C
Hys
Hysteresis
50
°C
External oscillator (frequency modulation)
fFMOD
Oscillation frequency
CMOD = 0.1 µF
600
750
900
Hz
---
Usable frequency range
0.05
15
kHz
Vpk
Peak voltage
(3)
1.5
V
Vvy
Valley voltage
0.5
V
IFMOD
Charge/discharge current
150
µA
Mode selection / slope compensation
MODEth
Threshold for QR operation
3
V
SCpk
Ramp peak
(MODE/SC = open)
RS-COMP = 3 kΩ to GND, GD
pin high, VCOMP = 5 V
1.7
V
SCvy
Ramp starting value
(MODE/SC = open)
RS-COMP = 3 kΩ to GND,
GD pin high
0.3
V
Ramp voltage
(MODE/SC = open)
GD pin low
0
V
Source capability
(MODE/SC = open)
VS-COMP = VS-COMPpk
0.8
mA
Table 4.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com