Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6566B Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6566B
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6566B Datasheet HTML 28Page - STMicroelectronics L6566B Datasheet HTML 29Page - STMicroelectronics L6566B Datasheet HTML 30Page - STMicroelectronics L6566B Datasheet HTML 31Page - STMicroelectronics L6566B Datasheet HTML 32Page - STMicroelectronics L6566B Datasheet HTML 33Page - STMicroelectronics L6566B Datasheet HTML 34Page - STMicroelectronics L6566B Datasheet HTML 35Page - STMicroelectronics L6566B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Application information
L6566B
32/51
Equation 9
which is the parameter that the amplitude of the generated side-band harmonics depends
on.
The minimum frequency fsw_min (occurring on the peak of the triangle) and the maximum
frequency fsw_max (occurring on the valley of the triangle) will be symmetrically placed
around the centre value fsw, so that:
Equation 10
Then, RT will be found from (5) (see Section 5.2: Zero current detection and triggering block;
oscillator block on page 21
), while RMOD and CMOD can be calculated as follows:
Equation 11
where
∆f
sw and fm (in kHz, with CMOD in nF and RMOD in kΩ) will be selected by the user so
to achieve the best compromise between attenuation of peak EMI emissions and clean
converter operation.
5.9
Latched disable function
The device is equipped with a comparator having the non-inverting input externally available
at the pin DIS (8) and with the inverting input internally referenced to 4.5 V. As the voltage
on the pin exceeds the internal threshold, the device is immediately shut down and its
consumption reduced to a low value.
The information is latched and it is necessary to let the voltage on the Vcc pin go below the
UVLO threshold to reset the latch and restart the device. To keep the latch supplied as long
as the converter is connected to the input source, the HV generator is activated periodically
so that Vcc oscillates between the start-up threshold VccON and VccON - 0.5 V. Activating the
HV generator in this way cuts its power dissipation approximately by three (as compared to
the case of continuous conduction) and keeps peak silicon temperature close to the average
value.
To let the L6566B restart it is then necessary to disconnect the converter from the input
source. Pulling pin 16 (AC_OK) below the disable threshold (see Section 5.12: Brownout
protection on page 37
) will stop the HV generator until Vcc falls below Vccrestart, so that the
latch can be cleared and a quicker restart is allowed as the input source is removed. This
operation is shown in the timing diagram of Figure 20 on page 33.
m
sw
f
f
=
β
sw
2
1
sw
max
_
sw
sw
2
1
sw
min
_
sw
f
f
f
;
f
f
f
+
=
=
sw
3
MOD
f
10
2
R
=
m
MOD
f
75
C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com