Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6668 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6668_06 Datasheet HTML 2Page - STMicroelectronics L6668_06 Datasheet HTML 3Page - STMicroelectronics L6668_06 Datasheet HTML 4Page - STMicroelectronics L6668_06 Datasheet HTML 5Page - STMicroelectronics L6668_06 Datasheet HTML 6Page - STMicroelectronics L6668_06 Datasheet HTML 7Page - STMicroelectronics L6668_06 Datasheet HTML 8Page - STMicroelectronics L6668_06 Datasheet HTML 9Page - STMicroelectronics L6668_06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
L6668
6/23
(1), (2)
Parameters in tracking each other
Figure 4. Typical System Block Diagram
VSSsat
Low saturation voltage
Duty cycle = 0
0.6
V
VSSclamp
High saturation voltage
7
V
SKIPADJ FUNCTION
Ibias
Input Bias Current
VSKIP = 0 to 4.5 V
-1
µA
VSKIP
Operating range
1.4
2.5
V
Hys
Hysteresis
Below VSKIP
25
85
mV
VOFF
Shutdown threshold
Voltage falling
0.8
V
PFC_STOP FUNCTION
Ileak
High level leakage current
VPFC_STOP < 16V, VCOMP = 2V
1
µA
VL
Low saturation level
IPFC_STOP = 1mA, VCOMP = 4V
0.1
V
Vth
Threshold for high level
VCOMP falling
(2)
2.1
2.2
2.3
V
Vth
Threshold for high level
VCOMP rising
(2)
2.55
2.7
2.85
V
GATE DRIVER
VOL
Output Low Voltage
Isink = 200 mA
1.0
V
VOH
Output High voltage
Isource = 5 mA, Vcc = 12V
9.8
10.3
V
Isourcepk
Peak source current
-0.8
A
Isinkpk
Peak sink current
0.8
A
tf
Current Fall Time
30
ns
tr
Current Rise Time
55
ns
VOclamp
Output clamp voltage
Isource = 5mA; Vcc = 20V
10
12
15
V
UVLO saturation
Vcc= 0 to Vccon, Isink= 2mA
1.1
V
Table 5. Electrical Characteristcs (continued)
(Tj = 0 to 105°C, Vcc=15V, Co=1nF; RT =13.3k , CT =1nF; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vinac
Voutdc
L6561/2
or
L6563
PWM is turned off in case of PFC's
anomalous operation, for safety
PFC can be turned off at light
load to ease compliance with
energy saving regulations.
L6668
PFC PRE-REGULATOR
DC-DC CONVERTER
Vinac
Voutdc
L6561/2
or
L6563
PWM is turned off in case of PFC's
anomalous operation, for safety
PFC can be turned off at light
load to ease compliance with
energy saving regulations.
L6668
PFC PRE-REGULATOR
DC-DC CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com