Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6668 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6668_06 Datasheet HTML 6Page - STMicroelectronics L6668_06 Datasheet HTML 7Page - STMicroelectronics L6668_06 Datasheet HTML 8Page - STMicroelectronics L6668_06 Datasheet HTML 9Page - STMicroelectronics L6668_06 Datasheet HTML 10Page - STMicroelectronics L6668_06 Datasheet HTML 11Page - STMicroelectronics L6668_06 Datasheet HTML 12Page - STMicroelectronics L6668_06 Datasheet HTML 13Page - STMicroelectronics L6668_06 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
L6668
10/23
Figure 23. Standby thresholds vs. Tj
Figure 24. Standby pin dropout vs. Tj
Figure 25. DIS threshold vs. Tj
Figure 26. SKIPADJ hysteresis vs. Tj
Figure 27. SKIPADJ disable threshold vs. Tj
Figure 28. Soft-start charge current vs. Tj
Tj (°C)
(V)
-50
0
50
100
150
2.4
2.6
2.8
3
3.2
3.4
3.6
Vcc = 15 V
V
COMP
(pin 10)
Enable (voltage falling)
Disable (voltage rising)
Tj (°C)
-50
0
50
100
150
-30
-25
-20
-15
-10
-5
0
(mV)
Vpin13 - Vpin10
Vcc = 15 V
VCOMP= 2V
ISTBY= 0.8 mA
Tj (°C)
-50
0
50
100
150
2.0
2.1
2.2
2.3
2.4
2.5
V pin 7
(V)
Vcc = 15 V
Tj (°C)
Vpin9
(mV)
-50
0
50
100
150
0.0
20.0
40.0
60.0
80.0
100.0
Vcc = 15 V
Vskipadj = 1.4 V
Vskipadj = 2.5 V
Tj (°C)
Vpin9
(V)
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1.0
Vcc = 15 V
Tj (°C)
Iss ( pin11)
(µA)
-50
0
50
100
150
0.0
10.0
20.0
30.0
40.0
Vcc = 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com