Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92124CR2QC Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST92124CR2QC
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92124CR2QC Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST92124CR2QC Datasheet HTML 48Page - STMicroelectronics ST92124CR2QC Datasheet HTML 49Page - STMicroelectronics ST92124CR2QC Datasheet HTML 50Page - STMicroelectronics ST92124CR2QC Datasheet HTML 51Page - STMicroelectronics ST92124CR2QC Datasheet HTML 52Page - STMicroelectronics ST92124CR2QC Datasheet HTML 53Page - STMicroelectronics ST92124CR2QC Datasheet HTML 54Page - STMicroelectronics ST92124CR2QC Datasheet HTML 55Page - STMicroelectronics ST92124CR2QC Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 426 page
background image
52/426
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
FUNCTIONAL DESCRIPTION (Cont’d)
Table 9. Memory Structure for 256K Flash device
Sector
Addresses
Max Size
TestFlash (TF) (Reserved)
230000h to 231F7Fh
8064 bytes
OTP Area
Protection Registers (reserved)
231F80h to 231FFBh
231FFCh to 231FFFh
124 bytes
4 bytes
Flash 0 (F0)
000000h to 001FFFh
8 Kbytes
Flash 1 (F1)
002000h to 003FFFh
8 Kbytes
Flash 2 (F2)
004000h to 00FFFFh
48 Kbytes
Flash 3 (F3)
Flash 4 (F4)
Flash 5 (F5)
010000h to 01FFFFh
020000h to 02FFFFh
030000h to 03FFFFh
64 Kbytes
64 Kbytes
64 Kbytes
Hardware Emulated EEPROM sectors
(reserved)
228000h to 22CFFFh
8 Kbytes
Emulated EEPROM
220000h to 2203FFh
1 Kbyte
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com