Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92124CR2QC Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST92124CR2QC
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92124CR2QC Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST92124CR2QC Datasheet HTML 56Page - STMicroelectronics ST92124CR2QC Datasheet HTML 57Page - STMicroelectronics ST92124CR2QC Datasheet HTML 58Page - STMicroelectronics ST92124CR2QC Datasheet HTML 59Page - STMicroelectronics ST92124CR2QC Datasheet HTML 60Page - STMicroelectronics ST92124CR2QC Datasheet HTML 61Page - STMicroelectronics ST92124CR2QC Datasheet HTML 62Page - STMicroelectronics ST92124CR2QC Datasheet HTML 63Page - STMicroelectronics ST92124CR2QC Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 426 page
background image
60/426
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
3.5 PROTECTION STRATEGY
The protection bits are stored in the 4 locations
from 231FFCh to 231FFFh (see Figure 34).
All the available protections are forced active dur-
ing reset, then in the initialisation phase they are
read from the TestFlash.
The protections are stored in 2 Non Volatile Regis-
ters. Other 2 Non Volatile Registers can be used
as a password to re-enable test modes once they
have been disabled.
The protections can be programmed using the Set
Protection operation (see Control Registers para-
graph), that can be executed from all the internal
or external memories except the Flash or Test-
Flash itself.
The TestFlash area (230000h to 231F7Fh) is al-
ways protected against write access.
Figure 34. Protection Register Map
3.5.1 Non Volatile Registers
The 4 Non Volatile Registers used to store the pro-
tection bits for the different protection features are
one time programmable by the user.
Access to these registers is controlled by the pro-
tections related to the TestFlash. Since the code to
program the Protection Registers cannot be
fetched by the Flash or the TestFlash memories,
this means that, once the APRO or APBR bits in
the NVAPR register are programmed, it is no long-
er possible to modify any of the protection bits. For
this reason the NV Password, if needed, must be
set with the same Set Protection operation used to
program these bits. For the same reason it is
strongly advised to never program the WPBR bit in
the NVWPR register, as this will prevent any fur-
ther write access to the TestFlash, and conse-
quently to the Protection Registers.
NON VOLATILE ACCESS PROTECTION REG-
ISTER (NVAPR)
Address: 231FFCh - Read/Write
Delivery value: 1111 1111 (FFh)
Bit 7 = Reserved.
Bit 6 = APRO: FLASH access protection.
This bit, if programmed at 0, disables any access
(read/write) to operands mapped inside the Flash
address space (E3 TM excluded), unless the current
instruction is fetched from the TestFlash or from
the Flash itself.
0: ROM protection on
1: ROM protection off
Bit 5 = APBR: TestFlash access protection.
This bit, if programmed at 0, disables any access
(read/write) to operands mapped inside the Test-
Flash, the OTP and the protection registers, un-
less the current instruction is fetched from the
TestFlash or the OTP area.
0: TestFlash protection on
1: TestFlash protection off
Bit 4 = APEE: E3 TM access protection.
This bit, if programmed at 0, disables any access
(read/write) to operands mapped inside the E3 TM
address space, unless the current instruction is
fetched from the TestFlash or from the Flash, or
from the E3 TM itself.
0: E3 TM protection on
1: E3 TM protection off
Bit 3 = APEX: Access Protection from External
memory.
This bit, if programmed at 0, disables any access
(read/write) to operands mapped inside the ad-
dress space of one of the internal memories (Test-
Flash, Flash, E3 TM, RAM), if the current instruction
is fetched from an external memory.
0: Protection from external memory on
1: Protection from external memory off
NVAPR
NVWPR
231FFCh
231FFDh
231FFEh
NVPWD0
NVPWD1
231FFFh
765
432
10
1
APRO APBR
APEE
APEX
PWT2 PWT1 PWT0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com