Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF410A Datasheet(PDF) 3 Page - STMicroelectronics

Part # BUF410A
Description  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUF410A Datasheet(HTML) 3 Page - STMicroelectronics

  BUF410A Datasheet HTML 1Page - STMicroelectronics BUF410A Datasheet HTML 2Page - STMicroelectronics BUF410A Datasheet HTML 3Page - STMicroelectronics BUF410A Datasheet HTML 4Page - STMicroelectronics BUF410A Datasheet HTML 5Page - STMicroelectronics BUF410A Datasheet HTML 6Page - STMicroelectronics BUF410A Datasheet HTML 7Page - STMicroelectronics BUF410A Datasheet HTML 8Page - STMicroelectronics BUF410A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BUF410A
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICER
Collector cut-off
current
(RBE = 10 Ω)
VCE = 1000 V
VCE = 1000 V
TC = 100 °C
0.2
1
mA
mA
ICEV
Collector cut-off
current
(VBE = -1.5 V)
VCE = 1000 V
VCE = 1000 V
TC = 100 °C
0.2
1
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
1mA
VCEO(sus)
(1) Collector-emitter
sustaining voltage
(IB = 0)
IC = 200 mA
450
V
VEBO
Emitter-base voltage
(IC = 0)
IE = 50 mA
7V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 5 A IB = 0.5 A
IC = 5 A
IB = 0.5 A TC = 100 °C
IC = 10 A IB = 2 A
IC = 10 A IB = 2 A
TC = 100 °C
0.8
0.5
2.8
2
V
V
V
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 5 A IB = 0.5 A
IC = 5 A IB = 0.5 A TC = 100 °C
IC = 10 A IB = 2 A
IC = 10 A IB = 2 A
TC = 100 °C
0.9
1.1
1.5
1.5
V
V
V
V
dic / dt
Rate of rise on-state
collector current
VCC = 300 V RC = 0
tp = 3 µs
IB1 = 0.75 A
TC = 25 °C
IB1 = 0.75 A
TC = 100 °C
IB1 = 3 A
TC = 100 °C
45
100
60
A/µs
A/µs
A/µs
VCE(dyn)
Collector-emitter
dynamic voltage
(3 µs)
VCC = 300 V
RC = 60 Ω
IB1 = 0.75 A
TC = 25 °C
IB1 = 0.75 A
TC = 100 °C
2.1
8
V
V
VCE(dyn)
Collector-emitter
dynamic voltage
(5 µs)
VCC = 300 V
RC = 60 Ω
IB1 = 0.75 A
TC = 25 °C
IB1 = 0.75 A
TC = 100 °C
1.1
4
V
V
ts
tf
tc
Inductive load
Storage time
Fall time
Cross over time
IC = 5 A
VCC = 50 V
VBB = -5 V
RBB = 1.2 Ω
VClamp = 400 V
IB1 = 0.5 A
L = 0.5 mH
0.8
0.05
0.08
µs
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com