Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF410A Datasheet(PDF) 4 Page - STMicroelectronics

Part # BUF410A
Description  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUF410A Datasheet(HTML) 4 Page - STMicroelectronics

  BUF410A Datasheet HTML 1Page - STMicroelectronics BUF410A Datasheet HTML 2Page - STMicroelectronics BUF410A Datasheet HTML 3Page - STMicroelectronics BUF410A Datasheet HTML 4Page - STMicroelectronics BUF410A Datasheet HTML 5Page - STMicroelectronics BUF410A Datasheet HTML 6Page - STMicroelectronics BUF410A Datasheet HTML 7Page - STMicroelectronics BUF410A Datasheet HTML 8Page - STMicroelectronics BUF410A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
BUF410A
4/9
ts
tf
tc
Inductive load
Storage time
Fall time
Cross over time
IC = 5 A
VCC = 50 V
VBB = -5 V
RBB = 1.2 Ω
VClamp = 400 V
IB1 = 0.5 A
L = 0.5 mH
TC = 100 °C
1.8
0.1
0.18
µs
µs
µs
VCEW
Maximum collector
emitter voltage
without snubber
IC = 5 A
VCC = 50 V
VBB = -5 V
RBB = 1.2 Ω
IB1 = 0.5 A
L = 0.5 mH
TC = 125 °C
500
V
ts
tf
tc
Inductive load
Storage time
Fall time
Cross over time
IC = 5 A
VCC = 50 V
VBB = 0
RBB = 0.3 Ω
VClamp = 400 V
IB1 = 0.5 A
L = 0.5 mH
1.5
0.04
0.07
µs
µs
µs
ts
tf
tc
Inductive load
Storage time
Fall time
Cross over time
IC = 5 A
VCC = 50 V
VBB = 0
RBB = 0.3 Ω
VClamp = 400 V
IB1 = 0.5 A
L = 0.5 mH
TC = 100 °C
3
0.15
0.25
µs
µs
µs
VCEW
Maximum collector
emitter voltage
without snubber
IC = 5 A
VCC = 50 V
VBB = 0
RBB = 0.3 Ω
IB1 = 0.5 A
L = 0.5 mH
TC = 125 °C
500
V
ts
tf
tc
Inductive load
Storage time
Fall time
Cross over time
IC = 10 A
VCC = 50 V
VBB = -5 V
RBB = 1.2 Ω
VClamp = 400 V
IB1 = 2 A
L = 0.25 mH
1.9
0.06
0.12
µs
µs
µs
ts
tf
tc
Inductive load
Storage time
Fall time
Cross over time
IC = 10 A
VCC = 50 V
VBB = -5 V
RBB = 1.2 Ω
VClamp = 400 V
IB1 = 2 A
L = 0.25 mH
TC = 100 °C
3.2
0.12
0.3
µs
µs
µs
VCEW
Maximum collector
emitter voltage
without snubber
IC = 15 A
VCC = 50 V
VBB = -5 V
RBB = 1.2 Ω
IB1 = 3 A
L = 0.1 mH
TC = 125 °C
400
V
1.
Pulse duration = 300 µs, duty cycle
≤ 1.5%
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com