Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34727 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34727
Description  600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34727 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34727 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document Number: 34727
Rev. 1.0, 5/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2008. All rights reserved.
600mA High Efficiency Low
Quiescent Current Synchronous
Buck Regulator With Z-mode
The 34727 is a high efficiency, low quiescent current (IQ),
synchronous buck regulator, implementing Freescale’s innovative
Z-mode architecture. Freescale’s Z-mode architecture greatly
improves the ripple performance during light load currents, but still
maintains a low quiescent current of 65
µA, at no load in “Sleepy” Z-
mode.
The 34727 accepts an input voltage in the range of 2.7 to 5.5V,
making it ideally suited for single cell Li-Ion based applications. Factory
preset output voltages, ranging from 0.8 to 3.3V, reduce the number of
required auxiliary components. The part is able to provide 600mA of
continuous load current across the input and the output voltage ranges.
The 34727 switches at 2.0MHz to allow the use of small surface
mount inductors and capacitors, to save precious board space.
The 34727 is available in the small, space saving, and low cost, 2x2
UDFN-8 packages. The part is guaranteed for operation over the -25°C
to +85°C temperature range.
Features
• 94% peak efficiency
• 2.0MHz switching frequency
• Automatic transition to energy saving light load Z-mode (low ripple)
• 2.7V to 5.5V input voltage range
• Fixed output voltage options from 0.8V to 3.3V
•65
µA quiescent current during sleepy Z-mode
• 600mA maximum continuous output current
• Internal 2.0ms soft start
• Thermal and over-current protection
•0.1
µA quiescent current in shutdown (disabled)
• Ultra thin 2x2 UDFN package
• Pb-free packaging designated by suffix code FC
Figure 1. 34727 Typical Operating Circuit
POWER MANAGEMENT IC
FC SUFFIX (PB-FREE)
98ASA10787D
8-PIN UDFN
2X2
34727
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34727AFC/R2
-25°C to 85°C
8-UDFN
MC34727BFC/R2
MC34727CFC/R2
Bottom View
VIN
EN
SW
FB
GND
ON
OFF
2.7V ~ 5.5V
0.8 - 3.3V *
600mA
34727
CIN
COUT
L1
*Programmable
See table 1


Similar Part No. - 34727

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3472765 FESTO-3472765 Datasheet
96Kb / 2P
Control block
More results

Similar Description - 34727

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34726 FREESCALE-34726 Datasheet
1Mb / 19P
300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL9105 INTERSIL-ISL9105 Datasheet
588Kb / 11P
600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
March 28, 2008
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 31, 2011
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 5, 2011
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL9105 RENESAS-ISL9105 Datasheet
877Kb / 11P
600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com