Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34727 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34727
Description  600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34727 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34727 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
MC34727
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. Device Variations
Freescale Part No.
VIN Range
Output Voltage(1)
Maximum Load Current
Switch Frequency (MHz)(2)
MC34727AFC
2.7 - 5.5V
1.2V
600mA
2.0
MC34727BFC
2.7 - 5.5V
1.8V
600mA
2.0
MC34727CFC
3.6 - 5.5V
3.3V
600mA
2.0
Notes
1.
Output voltages of: 0.8V, 0.9V, 1.0V, 1.1V, 1.3V, 1.4V, 1.5V, 1.85V, 2.0V, 2.5V options available on request. Contact Freescale sales.
2.
Factory programmable at 2.0MHz or 4.0Mhz. Contact Freescale sales for availability of the 4.0MHz functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com