Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC17511AR2 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC17511AR2
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17511AR2 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC17511AR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
17511A
PACKAGING
SOLDERING
PACKAGING
SOLDERING
THERMAL PERFORMANCE
Below are the recommended heat patterns for the QFN24 Exposed Pad thermal package.
Figure 9. Recomended Heat Patterns for QFN24 EP
Obverse
Reverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com