Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC17511AR2 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC17511AR2
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17511AR2 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC17511AR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC17511AR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
17511A
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
2.0
4/2007
• Implemented Revision History page
• Converted to Freescale format
• Added Peak Package Reflow Temperature During Reflow (solder reflow) parameter and Note with
instructions from www.freescale.com to Maximum Ratings Table 3
3.0
11/2007
• Replaced 16 pin package drawing with 98ASA10614D, REV. B and replaced 24 pin package
drawing with 98ARL10577D, REV. B.
4.0
2/2008
• Revised Siplified Application Diagram on page 1; Corrected typo - VM voltage from 15V to 5V.
5.0
8/2008
• Further Defined Thermal Resistance and Power Disapation in Table 2, Page 5 for both packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com