Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2400 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2400
Description  3-Pin Synchronous Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2400 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2400 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Configuration & Marking Information
2
Pin Number
Name
Function
1GND
Ground
2VOUT
Output
3SW
Switch Pin
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage............................................
SW pin Voltage.............................................
SW pin Switch Current..................................0.4A
Operating Temperature Range.........-40 C to 85 C
Storage Temperature Range...........-65 C to 150 C
Lead Temperature (Soldering 5 Sec.)...........300 C
°°
°°
°
6.0V
6.0V
Thermal Information
12
3
P2400V
XXXYW
SOT89-3
12
3
CCVYW
SOT23-3
V: Voltage Code
X: Internal Code
Y: Year
W: Week
CC: Product Code of PAM2400
V: Voltage Code
Y: Year
W: Week
12/2007 Rev 1.0
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2400
3-Pin Synchronous Step-Up DC/DC Converter
Parameter
Symbol
Package
Maximum
Unit
SOT89-3
45
Thermal Resistance (Junction to Case)
θJC
SOT-23
130
°C/W
SOT89-3
160
Thermal Resistance (Junction to Ambient)
θJA
SOT-23
250
°C/W
SOT89-3
550
Internal Power Dissipation
PD
SOT-23
400
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com