Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2400 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2400
Description  3-Pin Synchronous Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2400 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2400 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2400 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristic
C =22 F,C =47 F,T =25°C, unless otherwise noted.
IN
O
A
μμ
3
12/2007 Rev 1.0
,
Power Analog Microelectronics Inc
www.poweranalog.com
Note 1: V means the nominal output voltage
Note 2: Refer to “Efficiency vs Output Current” curve
O
PAM2400
3-Pin Synchronous Step-Up DC/DC Converter
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
UNIX
Output Voltage Accuracy
VIN=1.5V, IO=1mA
-3
+3
%
Input Voltage
VIN
5.5
V
Start-Up Voltage
VSTART
IO=1mA
0.9
1.0
V
Hold-on Voltage
V
HOLD
I
O=0mA,VIN=2V to 0V
0.4
0.6
V
I
DD1
V
O =VO X 1.05
8.5
12
μA
Supply Current
(Vo pin)
IDD2
VO=VO X0.95
33
μA
Vo=2.0V
19
Vo=2.7V
23
Vo=2.8V
25
Vo=3.0V
26
Vo=3.3V
29
Vo=3.8V
34
No-Load Input Current
I
IN
IO=0mA
,
V
IN=1.5V
Vo=5.0V
45
μA
SW Leakage Current
VSW=5V,VIN=VO+0.5V
1.0
μA
SW Switch-On Resistance
RON
Isw=50mA
1.0
Ω
Oscillator Duty Cycle
DC
VIN=VO * 90%
70
80
90
%
Oscillator Frequency
f
OS C
Current Limit Appears
70
100
130
kHz
Efficiency (Note 2)
η
Peak value
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com